Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC82302 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MSC82302
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC82302 Datasheet(HTML) 3 Page - STMicroelectronics

  MSC82302 Datasheet HTML 1Page - STMicroelectronics MSC82302 Datasheet HTML 2Page - STMicroelectronics MSC82302 Datasheet HTML 3Page - STMicroelectronics MSC82302 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
RF Amplifier Power Output Test
Ref: Dwg. No. C125561
All dimensions are in inches
Frequency 2.3 GHz
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 0.18 W
VCC
= 22 V
Normalized to 50 ohms
ZIN
ZCL
H
H
L
L
M
M
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 2.0 GHz
7.0 + j 15.5
6.0 + j 7.0
M
= 2.15 GHz 7.5 + j 18.0
4.5 + j 3.5
H
= 2.3 GHz
7.0 + j 19.5
3.0 + j 1.0
MSC82302
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com