Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range Contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 9Page - STMicroelectronics SRT512 Datasheet HTML 10Page - STMicroelectronics SRT512 Datasheet HTML 11Page - STMicroelectronics SRT512 Datasheet HTML 12Page - STMicroelectronics SRT512 Datasheet HTML 13Page - STMicroelectronics SRT512 Datasheet HTML 14Page - STMicroelectronics SRT512 Datasheet HTML 15Page - STMicroelectronics SRT512 Datasheet HTML 16Page - STMicroelectronics SRT512 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
SRT512
Data transfer
13/49
3.4
CRC
The 16-bit CRC used by the SRT512 is generated in compliance with the ISO14443 type B
recommendation. For further information, please see Appendix A. The initial register
contents are all 1s: FFFFh.
The two-byte CRC is present in every Request and in every Answer Frame, before the EOF.
The CRC is calculated on all the bytes between SOF (not included) and the CRC field.
Upon reception of a Request from a reader, the SRT512 verifies that the CRC value is valid.
If it is invalid, the SRT512 discards the frame and does not answer the reader.
Upon reception of an Answer from the SRT512, the reader should verify the validity of the
CRC. In case of error, the actions to be taken are the reader designer’s responsibility.
The CRC is transmitted with the Least Significant Byte first and each byte is transmitted with
the least significant bit first.
Figure 11.
CRC transmission rules
CRC 16 (8 bits)
CRC 16 (8 bits)
LSbit
MSbit
LSbit
MSbit
LSByte
MSByte
ai07667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com