Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7NM50N
Description  N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STF7NM50N Datasheet HTML 1Page - STMicroelectronics STF7NM50N Datasheet HTML 2Page - STMicroelectronics STF7NM50N Datasheet HTML 3Page - STMicroelectronics STF7NM50N Datasheet HTML 4Page - STMicroelectronics STF7NM50N Datasheet HTML 5Page - STMicroelectronics STF7NM50N Datasheet HTML 6Page - STMicroelectronics STF7NM50N Datasheet HTML 7Page - STMicroelectronics STF7NM50N Datasheet HTML 8Page - STMicroelectronics STF7NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2007
Rev 1
1/17
17
STD7NM50N - STD7NM50N-1
STF7NM50N - STP7NM50N
N-channel 500V - 0.70
Ω - 5A - TO-220 - TO-220FP - IPAK - DPAK
Second generation MDmesh™ Power MOSFET
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Description
This device is realized with the second generation
of MDmesh™ technology. This revolutionary
Power MOSFET associates a new vertical
structure to the company’s strip layout to yield one
of the world’s lowest on-resistance and gate
charge. It is therefore suitable for the most
demanding high efficiency converters
Application
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STD7NM50N
550V
<0.78
Ω
5A
STD7NM50N-1
550V
<0.78
Ω
5A
STF7NM50N
550V
<0.78
Ω
5A (1)
1.
Limited only by maximum temperature allowed
STP7NM50N
550V
<0.78
Ω
5A
1
2
3
TO-220
DPAK
IPAK
3
2
1
1
2
3
TO-220FP
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD7NM50N-1
D7NM50N
IPAK
Tube
STD7NM50N
D7NM50N
DPAK
Tape & reel
STF7NM50N
F7NM50N
TO-220FP
Tube
STP7NM50N
P7NM50N
TO-220
Tube


Similar Part No. - STF7NM50N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF7NM50N ISC-STF7NM50N Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh™ Power MOSFET
Aug-2003
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
14-Nov-2006
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
N-channel 500V - 0.29Ω - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh™Power MOSFET
14-Nov-2006
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
N-channel 600 V - 0.37 Ω - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
03-Mar-2008
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
01-Jun-2007
STD10NM65N STMICROELECTRONICS-STD10NM65N Datasheet
504Kb / 17P
N-channel 650 V - 0.43 Ω - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
07-Feb-2008
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
N-channel 600 V - 0.56 Ω - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
07-Jan-2008
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
10-Apr-2007
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
04-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com