Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD5731 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJD5731
Description  isc Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJD5731 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJD5731 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJD5731 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Silicon PNP Transistor
MJD5731
www.iscsemi.com
1
FEATURES
· BVCEO > -350V
· IC = -1A
· PNP Complements to the MJD47 thru MJD50 Series
APPLICATIONS
· Audio output stages
· General amplifiers
· Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VCEO
Collector-Emitter peak Voltage
-350
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1
A
ICM
Peak Pulse Current
-3
A
PD
Total Power Dissipation
15
W
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
8.33
℃
/W


Similar Part No. - MJD5731

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD5731 ONSEMI-MJD5731 Datasheet
95Kb / 8P
High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731 ONSEMI-MJD5731 Datasheet
119Kb / 5P
High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
MJD5731 ONSEMI-MJD5731 Datasheet
133Kb / 5P
High Voltage PNP Silicon Power Transistors
August, 2013 ??Rev. 5
MJD5731T4 ONSEMI-MJD5731T4 Datasheet
95Kb / 8P
High Voltage PNP Silicon Power Transistors
March, 2003 - Rev. 0
MJD5731T4G ONSEMI-MJD5731T4G Datasheet
119Kb / 5P
High Voltage PNP Silicon Power Transistors
January, 2011 ??Rev. 4
More results

Similar Description - MJD5731

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
isc Silicon PNP Transistor
2SA1013 ISC-2SA1013 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
2SA1283 ISC-2SA1283 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
MMBT2907A ISC-MMBT2907A Datasheet
298Kb / 2P
isc Silicon PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com