Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC08B Datasheet(PDF) 44 Page - Microchip Technology

Part # 24LC08B
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B Datasheet(HTML) 44 Page - Microchip Technology

Back Button 24LC08B Datasheet HTML 40Page - Microchip Technology 24LC08B Datasheet HTML 41Page - Microchip Technology 24LC08B Datasheet HTML 42Page - Microchip Technology 24LC08B Datasheet HTML 43Page - Microchip Technology 24LC08B Datasheet HTML 44Page - Microchip Technology 24LC08B Datasheet HTML 45Page - Microchip Technology 24LC08B Datasheet HTML 46Page - Microchip Technology 24LC08B Datasheet HTML 47Page - Microchip Technology 24LC08B Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
24AA08/24LC08B/24FC08
DS20001710N-page 44
 2002-2021 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision N (08/2021)
Added 24FC08 and Q6B package Automotive product
offerings; Removed CSP product offering; Updated
DFN and SOT-23 package drawings.
Revision M (03/2021)
Replaced terminology “Master” and “Slave” with “Host”
and “Client” respectively. Changed “MUY” with “Q4B”
part number for UDFN package. Updated TSSOP and
UDFN package drawings. Added Automotive Product
Identification System.
Revision L (12/2019)
Added the 24FC08 device; Updated Package
Drawings; Updated formating throughout for clarifica-
tion.
Revision K (03/2012)
Added Chip Scale package; Revised Table 1-1, Table
2-1; Product Identification System.
Revision J (02/2009)
Moved Pin Descriptions to Section 2.0, renumbered
remaining sections. Added Figure 5-2.
Revision H (03/2008)
Added TDFN package.
Revision G (02/2007)
Replaced Package Drawings.
Revision F (02/2007)
Updated Device Selection Table; Features section;
Changed 1.8V to 1.7V throughout document; Revised
Electrical
Characteristics Ambient
Temperature;
Replaced Package Drawings; Revised Product ID
System.
Revision E (09/2005)
Revised Figure 3-1: Control Byte Allocation; Figure 4-1
Byte Write; Figure 4-2 Page Write; Section 6.0 Write
Protection; Figure 7-1 Current Address Read; Figure
7-2 Random Read; Figure 7-3 Sequential Read; 8.3
Write-Protect (000-3FF).
Revision D (02/2005)
Added DFN package.
Revision C (12/2003)
Corrections to Section 1.0, Electrical Characteristics.
Section 9.1, 24LC08B standard marking code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com