Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1112C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1112C
Description  DolbyÉ B-Type Noise Reduction Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1112C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1112C Datasheet HTML 1Page - National Semiconductor (TI) LM1112C Datasheet HTML 2Page - National Semiconductor (TI) LM1112C Datasheet HTML 3Page - National Semiconductor (TI) LM1112C Datasheet HTML 4Page - National Semiconductor (TI) LM1112C Datasheet HTML 5Page - National Semiconductor (TI) LM1112C Datasheet HTML 6Page - National Semiconductor (TI) LM1112C Datasheet HTML 7Page - National Semiconductor (TI) LM1112C Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7876
April 1987
LM1112ALM1112BLM1112C
Dolby
B-Type Noise Reduction Processor
General Description
The LM1112 is a monolithic integrated circuit specifically
designed to realize the Dolby B-type noise reduction sys-
tem
It is a replacement for the LM1111 and the Signetics NE-
645648 but with improved performance figures
Features
Y
Very high signalnoise ratio 74 dB encode
(CCIRARM)
Y
Wide supply voltage range 6V to 20V
Y
Very close matching to standard Dolby characteristics
Y
Audible switch-on transients greatly reduced
Y
Improved temperature performance
Y
Reduced number of precision external components
Y
Improved transient stability
Y
Input protection diodes
Available only to licensees of Dolby Laboratories Licensing Corporation San Francisco from whom licensing and application information must be obtained
Dolby and the double-D symbol are registered trademarks of Dolby Laboratories Licensing Corporation
Schematic Diagram
TLH7876 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1112C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1112C NSC-LM1112C Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
LM1112CN NSC-LM1112CN Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results

Similar Description - LM1112C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
NJM2185A NJRC-NJM2185A Datasheet
175Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
NTE Electronics
NTE2003 NTE-NTE2003 Datasheet
23Kb / 2P
Integrated Circuit Dolby B-Type Noise Reduction Processor
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
DOLBY B-TYPE NOISE REDUCTION PROCESSOR
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
Noise Reduction Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com