Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB233AFILF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9DB233AFILF
Description  TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB233AFILF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9DB233AFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 9Page - Renesas Technology Corp 9DB233AFILF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
9DB233
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
IDT®
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
6
9DB233
OCTOBER 20, 2016
Electrical Characteristics–DIF 0.7V Current Mode Differential Outputs
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
0.6
2
4
V/ns
1, 2, 3
Slew rate matching
∆Trf
Slew rate matching, Scope averaging on
4.2
20
%
1, 2, 4
Voltage High
VHigh
660
791
850
1
Voltage Low
VLow
-150
13
150
1
Max Voltage
Vmax
801
1150
1
Min Voltage
Vmin
-300
5
1
Vswing
Vswing
Scope averaging off
300
1557
mV
1, 2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
367
550
mV
1, 5
Crossing Voltage (var)
∆-Vcross
Scope averaging off
46
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of V_cross_min/max (V_cross
absolute) allowed. The intent is to limit Vcross induced modulation by setting V_cross_delta to be smaller than V_cross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. IREF = VDD/(3xR
R).
For RR = 475Ω (1%), IREF = 2.32mA.
IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω (100Ω differential impedance).
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
TA = TCOM or TIND; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
-3dB point in High BW Mode
2
2.2
4
MHz
1
-3dB point in Low BW Mode
0.4
0.5
1
MHz
1
PLL Jitter Peaking
tJPEAK
Peak Pass band Gain
0.6
1.5
dB
1
Duty Cycle
tDC
Measured differentially, PLL Mode
45
48
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode @100MHz
-2
0.4
2
%
1,4
tpdBYP
Bypass Mode, VT = 50%
2500
3660
4500
ps
1
tpdPLL
Hi BW PLL Mode VT = 50%
-50
136
350
ps
1
Skew, Output to Output
tsk3
VT = 50%
16
50
ps
1
PLL mode
29
50
ps
1,3
Additive
Jitter in Bypass Mode
0.2
50
ps
1,3
1Guaranteed by design and characterization, not 100% tested in production.
2 I
REF = VDD/(3xRR).
For RR = 475Ω (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50Ω.
3 Measured from differential waveform
4 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
Skew, Input to Output
Jitter, Cycle to cycle
tjcyc-cyc
PLL Bandwidth
BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com