Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB633AFILF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB633AFILF
Description  Six Output Differential Buffer for PCIe Gen3
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB633AFILF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB633AFILF Datasheet HTML 1Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 2Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 3Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 4Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 5Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 6Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 7Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 8Page - Renesas Technology Corp 9DB633AFILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
9DB633
IDT®
Six Output Differential Buffer for PCIe Gen3
1668F—10/20/16
Six Output Differential Buffer for PCIe Gen3
1
DATASHEET
Recommended Application:
6 output PCIe Gen3 zero-delay/fanout buffer
General Description:
The 9DB633 zero-delay buffer supports PCIe Gen3
requirements, while being backwards compatible to PCIe
Gen2 and Gen1. The 9DB633 is driven by a differential SRC
output pair from an IDT 932S421 or 932SQ420 or equivalent
main clock generator. It attenuates jitter on the input clock
and has a selectable PLL bandwidth to maximize
performance in systems with or without Spread-Spectrum
clocking. An SMBus interface allows control of the PLL
bandwidth and bypass options, while 2 clock request (OE#)
pins make the 9DB633 suitable for Express Card
applications.
Key Specifications:
•
Cycle-to-cycle jitter < 50 ps
•
Output-to-output skew < 50 ps
•
PCIe Gen3 phase jitter < 1.0ps RMS
Features/Benefits:
•
OE# pins/Suitable for Express Card applications
•
PLL or bypass mode/PLL can dejitter incoming clock
•
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL's
•
Spread Spectrum Compatible/tracks spreading input
clock for low EMI
•
SMBus Interface/unused outputs can be disabled
Output Features:
•
6 - 0.7V current mode differential HCSL output pairs
Block Diagram
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
SRC_IN
SRC_IN#
PLL_BW
IREF
DIF1
DIF4
OE4#
OE1#
DIF(0,2,3,5)


Similar Part No. - 9DB633AFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB633AFILF IDT-9DB633AFILF Datasheet
238Kb / 14P
Six Output Differential Buffer for PCIe Gen3
More results

Similar Description - 9DB633AFILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
Six Output Differential Buffer for PCIe Gen 2
9DB233 IDT-9DB233 Datasheet
198Kb / 14P
Two Output Differential Buffer for PCIe Gen3
9DB633 IDT-9DB633 Datasheet
238Kb / 14P
Six Output Differential Buffer for PCIe Gen3
9DB1233 IDT-9DB1233 Datasheet
187Kb / 15P
Twelve Output Differential Buffer for PCIe Gen3
9DB1933 IDT-9DB1933 Datasheet
186Kb / 17P
Nineteen Output Differential Buffer for PCIe Gen3
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
Six Output Differential Buffer for PCIe Gen 2
05/24/12
9DB233 RENESAS-9DB233 Datasheet
376Kb / 18P
TWO OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN3
OCTOBER 20, 2016
9DB1233 RENESAS-9DB1233 Datasheet
495Kb / 18P
12-Output Differential Buffer for PCIe Gen3
December 17, 2019
9DB1933 RENESAS-9DB1933 Datasheet
329Kb / 18P
Nineteen Output Differential Buffer for PCIe Gen3
07/12/10
9DB633 RENESAS-9DB633 Datasheet
332Kb / 15P
Six Output Differential Buffer for PCIe Gen3
10/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com