Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB433AFILF Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 9DB433AFILF
Description  FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB433AFILF Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 9DB433AFILF Datasheet HTML 10Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 11Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 12Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 13Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 14Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 15Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 16Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 17Page - Renesas Technology Corp 9DB433AFILF Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
9DB433
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
IDT®
FOUR OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
15
9DB433
MAY 25, 2018
Package Outline Drawings (28-pin TSSOP)
Ordering Information
“LF” suffix to the part number denotes Pb-Free configuration, RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A--
1.20
--
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
C
0.09
0.20
0.0035
0.008
D
9.60
9.80
0.378
0.386
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
0
8
0
8
aaa
--
0.10
--
0.004
Part / Order Number
Shipping Packaging
Package
Temperature
9DB433AFLF
Tubes
28-pin SSOP
0 to +70°C
9DB433AFLFT
Tape and Reel
28-pin SSOP
0 to +70°C
9DB433AGLF
Tubes
28-pin TSSOP
0 to +70°C
9DB433AGLFT
Tape and Reel
28-pin TSSOP
0 to +70°C
9DB433AFILF
Tubes
28-pin SSOP
-40 to +85°C
9DB433AFILFT
Tape and Reel
28-pin SSOP
-40 to +85°C
9DB433AGILF
Tubes
28-pin TSSOP
-40 to +85°C
9DB433AGILFT
Tape and Reel
28-pin TSSOP
-40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com