Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M2 Datasheet(PDF) 2 Page - CTS Corporation

Part # 73M2
Description  Metal Plate Current Sensing Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

73M2 Datasheet(HTML) 2 Page - CTS Corporation

  73M2 Datasheet HTML 1Page - CTS Corporation 73M2 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
Page 2 of 2
December 2006
CTS Electronic Components
www.ctscorp.com
73M1
R005 F
Type
Part Marking
73M1
Resistance (4 digits), tolerance, product type, date of
manufacture (two digits: year, month)
73M2
Resistance (3 digits), tolerance, product type & rated
wattage, date of manufacture (two digits: year, month)
Packaging
•
Embossed tape (mm)
Resistor Code
Tolerance
G = ±2%
F = ±1%
Part Type
Example: 73M1R005F (No dashes or spaces)
4 Digit Resistor Code
“R” indicates decimal point
Examples:
R005 = 5mΩ
R100 = 100mΩ
Type
A
B
F
J
L
M
73M1
3.5
±0.1
6.6
±0.1
8.0
±0.10
1.5
±0.2
1.3
±0.1
0.3
±0.1
+0.10
73M2
4.0
±0.1
6.9
±0.1
8.0
±0.10
1.5
-0.0
1.4
±0.1
0.3
±0.1
•
Reel
F
J
L
M
A (mm)
Type
Qty/Reel
73M1
1,000
15.4
±1.0
73M2
1,000
15.4
±1.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com