Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RSPNFBCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPNFBCN19
Description  CA, CA100 RSP/NF BLKHD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPNFBCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPNFBCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
1.00 25.4
HEAT SHRINK
PVC, BLACK
2X,
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
JACKET: PVC, BLACK
TYPE N FEMALE
BULKHEAD
CONNECTOR
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RoHS Compliant 
SMA PLUG
REVERSE POLARITY
CONNECTOR
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPNFBCXXX WHERE XXX = LENGTH IN FEET
CA-RSPNFBC010 (10 FEET)
CA-RSPNFBCNXX WHERE NXX = LENGTH IN INCHES
CA-RSPNFBCN16 (16 INCHES)
CA-RSPNFBCMXX WHERE MXX = LENGTH IN METERS
CA-RSPNFBCM07 (7 METERS)
CA-RSPNFBCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPNFBC3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPNFBC
A
CA-RSPNFBC.SLDDRW
1
1
K.BURGNER
6/21/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
6/21/10
6/21/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA, CA100 RSP/NF BLKHD
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
6/21/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - CA-RSPNFBCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNFBA002 L-COM-CA-RSPNFBA002 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFBA004 L-COM-CA-RSPNFBA004 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFBA010 L-COM-CA-RSPNFBA010 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
CA-RSPNFBA020 L-COM-CA-RSPNFBA020 Datasheet
77Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-FEMALE BULKHEAD ASSEMBLY with HEATSHRINK
08/11/09
More results

Similar Description - CA-RSPNFBCN19

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-7368H22-NF BEL-SS-7368H22-NF Datasheet
101Kb / 1P
SS-7368H22-NF
SS-7388H33-NF BEL-SS-7388H33-NF Datasheet
107Kb / 1P
SS-7388H33-NF
SS-7388H44-NF BEL-SS-7388H44-NF Datasheet
110Kb / 1P
SS-7388H44-NF
logo
Molex Electronics Ltd.
89761-6800 MOLEX2-89761-6800 Datasheet
87Kb / 1P
SMA JACK BLKHD TO MMCX PLUG STR ON RG178 CA-MMCX/SMA
logo
Winchester Electronics ...
SDKA-19-60 WINCHESTER-SDKA-19-60 Datasheet
75Kb / 1P
JACK, BLKHD, TNC
logo
List of Unclassifed Man...
NFS80A0111 ETC2-NFS80A0111 Datasheet
1Mb / 17P
NF Connectors
logo
Winchester Electronics ...
KA-19-42 WINCHESTER-KA-19-42 Datasheet
63Kb / 1P
JACK, BLKHD, TNC
logo
PHOENIX CONTACT
2987024 PHOENIX-2987024 Datasheet
131Kb / 12P
Relay Module - PLC-RSP- 24UC/21AU/RW
logo
Molex Electronics Ltd.
897616801 MOLEX-897616801 Datasheet
86Kb / 1P
SMA JACK BLKHD T0O MMCX PLUG STR ON RG178 CA-MMCX/SMA
2009/01/08
897624490 MOLEX-897624490 Datasheet
95Kb / 1P
CA, TNC JACK BLKHD TO IPX (MHF) WITH 1.13 MM CA-TNC_J/IPX
2013/10/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com