Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RSPNMB004 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPNMB004
Description  Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPNMB004 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPNMB004 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAY OCCUR
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPNMB
A
CA-RSPNMB.SLDDRW
11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
UNLESS OTHERWISE SPECIFIED,
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
2/11/10 B.Puchaski
A
M.Audas
M.Audas
B.Puchaski
02/11/10
02/11/10
Initial Release
Fabrication: White CA-195RW Series
COAXIAL
(1X) CA-195RW/50Ω
COAXIAL CABLE-WHITE
CA-RSPNMBXXX
N STRAIGHT MALE
CABLE# & LENGTH
CA-RSPNMBNXX
CA-RSPNMBMXX
WHERE XXX = LENGTH IN FEET
WHERE NXX = LENGTH IN INCHES
WHERE MXX = LENGTH IN METERS
WHERE XMX = LENGTH IN DECIMEL METERS
CA-RSPNMBXMX
CA-RSPNMB010 (10 FEET)
CA-RSPNMBN16 (16 INCHES)
CA-RSPNMBM07 (7 METERS)
CA-RSPNMB3M5 (3.5 METERS)
EXAMPLES OF PART# USED
LENGTH CODE CHART
LENGTH SYMBOL
CRIMP CONNECTOR
L-COM SPECIFICATION PS-0031
6. CENTER PIN OF CONNECTORS TO BE SOLDERED OR CRIMPED ONTO CABLE INNER CONDUCTOR
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY
2. CABLE ASSEMBLY SHALL RECIEVE INSERTION LOSS TEST#TP-00027
3. CABLE ASSEMBLY SHALL WITHSTAND PULL TEST OF 40lbs WITHOUT
ANY SEPERATION OR ELECTRICAL FAILURE
4. CABLE SHALL BE RoHS COMPLIANT
5. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH
RP-SMA STRAIGHT PLUG
CRIMP CONNECTOR
(REF LENGTH CODE CHART)
-LENGTH-
1"(±.04)[25.4mm(±1.0)]
(2X) WHITE HEATSHRINK


Similar Part No. - CA-RSPNMB004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNMB001 L-COM-CA-RSPNMB001 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
CA-RSPNMB002 L-COM-CA-RSPNMB002 Datasheet
50Kb / 1P
Fabrication: White CA-195RW Series RP-SMA Plug To N-Male Assembly w/Heatshrink
02/11/10
More results

Similar Description - CA-RSPNMB004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89761-6812 MOLEX2-89761-6812 Datasheet
84Kb / 1P
CA SMA JACK STR BKHD TO MMCX PLUG STR W/RG316
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Pasternack Enterprises,...
PE3809LF PASTERNACK-PE3809LF Datasheet
279Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMC PLUG
PE3810LF PASTERNACK-PE3810LF Datasheet
279Kb / 1P
CABLE ASSEMBLY SMA MALE TO SMB PLUG
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com