Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RSPNMCN19 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPNMCN19
Description  CA, CA100 RP-SMA P/N-MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPNMCN19 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPNMCN19 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JACKET: PVC, BLACK
CONNECTOR
REVERSE POLARITY
SMA PLUG
100 SERIES, 50 OHM LOW-LOSS COAXIAL CABLE
TYPE N MALE
STRAIGHT CRIMP
CONNECTOR
LENGTH
2X, 1.0 25.4
HEAT SHRINK
PVC, BLACK
PROJECTION
REVISIONS
D.FRISIELLO
CA-RSPNMC
REV
NONE
B
2
ECN 4869: REVISE VIEW OF RP SMA JACK TO PLUG
6/28/10
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
43321
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
6/21/10
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
NORTH ANDOVER, MA
6
4
COLOR VARIATIONS
7
6/18/10
B
MAY OCCUR
CA-RSPNMC.SLDDRW
11
6/18/10
8
DESCRIPTION
K.BURGNER
K.BURGNER
6/18/10
CA, CA100 RP-SMA P/N-MALE
A
1
MAY VARY
3
4
5
6
7
8
5
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
DATE
COAXIAL
D.GRIFFIN
FSCM NO.
INITIAL RELEASE
APPROVED
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
NOTES:
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPNMCXXX
WHERE XXX = LENGTH IN FEET
CA-RSPNMC010 (10 FEET)
CA-RSPNMCNXX
WHERE NXX = LENGTH IN INCHES
CA-RSPNMCN16 (16 INCHES)
CA-RSPNMCMXX WHERE MXX = LENGTH IN METERS
CA-RSPNMCM07 (7 METERS)
CA-RSPNMCXMX WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPNMC3M5 (3.5 METERS)


Similar Part No. - CA-RSPNMCN19

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNMA002 L-COM-CA-RSPNMA002 Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
CA-RSPNMA002. L-COM-CA-RSPNMA002. Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
CA-RSPNMA004 L-COM-CA-RSPNMA004 Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
CA-RSPNMA010 L-COM-CA-RSPNMA010 Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
CA-RSPNMA020 L-COM-CA-RSPNMA020 Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
More results

Similar Description - CA-RSPNMCN19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com