Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-RSPNME010 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CA-RSPNME010
Description  CA,RP-SMA Plug to N-Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CA-RSPNME010 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CA-RSPNME010 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LENGTH
CA-200, 50 OHM COAXIAL CABLE
JACKET: POLYETHYLENE, BLACK
2X, HEAT SHRINK
BLACK
TYPE N-MALE
CRIMP CONNECTOR
SMA PLUG
REVERSE POLARITY
CRIMP CONNECTOR
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL RECEIVE INSERTION LOSS TEST PER
L-COM SPECIFICATIONS.
3. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
B
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
LENGTH CODE CHART
CABLE# & LENGTH
LENGTH SYMBOL
EXAMPLES OF PART# USED
CA-RSPNMEXXX
WHERE XXX = LENGTH IN FEET
CA-RSPNME010 (10 FEET)
CA-RSPNMENXX
WHERE NXX = LENGTH IN INCHES
CA-RSPNMEN16 (16 INCHES)
CA-RSPNMEMXX
WHERE MXX = LENGTH IN METERS
CA-RSPNMEM07 (7 METERS)
CA-RSPNMEXMX
WHERE XMX = LENGTH IN DECIMAL METERS
CA-RSPNME3M5 (3.5 METERS)
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
CA-RSPNME
B
CA-RSPNME.SLDDRW
1
1
D. PARHAM
10/7/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
10/7/11
10/10/11
A
B
INITIAL RELEASE
ECN 8241: RELEASED TO SUZHOU, NEW FORMAT, UPDATE ROHS
2/2/16
D.GRIFFIN
S.LI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CA,RP-SMA Plug to N-Male
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
10/7/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - CA-RSPNME010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CA-RSPNME002 L-COM-CA-RSPNME002 Datasheet
50Kb / 1P
CA,RP-SMA Plug to N-Male
10/7/11
CA-RSPNME004 L-COM-CA-RSPNME004 Datasheet
74Kb / 1P
FABRICATION: CA-195R SERIES RP-SMA PLUG TO N-MALE ASSEMBLY with HEATSHRINK
08/27/08
CA-RSPNME020 L-COM-CA-RSPNME020 Datasheet
50Kb / 1P
CA,RP-SMA Plug to N-Male
10/7/11
More results

Similar Description - CA-RSPNME010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP-SMAM-RPSF ETC2-ADP-SMAM-RPSF Datasheet
120Kb / 1P
SMA MALE TO RP-SMA FEMALE ADAPTOR
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
logo
TE Connectivity Ltd
C-2016693 TEC-C-2016693 Datasheet
155Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC GEN1 WITH 1.13 CABLE
C-2016695 TEC-C-2016695 Datasheet
153Kb / 1P
RF CA, RP-SMA BULKHEAD TO UMCC IV WITH 1.13 CABLE
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
logo
SparkFun Electronics
CAB-14911 SPARKFUN-CAB-14911 Datasheet
123Kb / 2P
Interface Cable N to RP-SMA Cable - 1m
9??1??8
logo
Linx Technologies
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897620100 MOLEX-897620100 Datasheet
43Kb / 1P
CA, SMA P TO SMA P RG178, EWR-4823 CA-SMA/SMA
2011/11/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com