Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M51995AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M51995AP
Description  Switching Regulator Control
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51995AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M51995AP Datasheet HTML 1Page - Renesas Technology Corp M51995AP Datasheet HTML 2Page - Renesas Technology Corp M51995AP Datasheet HTML 3Page - Renesas Technology Corp M51995AP Datasheet HTML 4Page - Renesas Technology Corp M51995AP Datasheet HTML 5Page - Renesas Technology Corp M51995AP Datasheet HTML 6Page - Renesas Technology Corp M51995AP Datasheet HTML 7Page - Renesas Technology Corp M51995AP Datasheet HTML 8Page - Renesas Technology Corp M51995AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
M51995AP/AFP
REJ03D0835-0201 Rev.2.01 Nov 14, 2007
Page 2 of 40
Recommended Operating Conditions
• Supply voltage range: 12 to 36 V
• Operating frequency: less than 500 kHz
• Oscillator frequency setting resistance
 T-ON pin resistance R
ON: 10 k to 75 kΩ
 T-OFF pin resistance R
OFF: 2 k to 30 kΩ
Block Diagram
Under
voltage
lockout
Voltage
regulator
7.1 V
5.8 V
15.2 k
3 k
500
F/B
DET
GND
VCC
Latch
ON/OFF
OVP (shut down)
Oscillator capacitance
CF
Oscillator resistance
T-ON (ON duty)
Oscillator resistance
T-OFF (OFF duty)
VF
CLM+
+Current limit
CLM
−
−Current limit
CT
Intermittent operation
determine capacitance
Collector
VOUT
Emitter
6 S
1 S
1 S
1 S
PWM
Comparator
PWM
latch
+
−
OP AMP
2.5 V
Intermittent
action
Intermittent
action and
OSC control
−Current
limit latch
+Current
limit latch
Oscillator
(triangle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com