Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RD2.7EB2 Datasheet(PDF) 2 Page - Semtech Corporation

Part # RD2.7EB2
Description  ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RD2.7EB2 Datasheet(HTML) 2 Page - Semtech Corporation

  RD2.7EB2 Datasheet HTML 1Page - Semtech Corporation RD2.7EB2 Datasheet HTML 2Page - Semtech Corporation RD2.7EB2 Datasheet HTML 3Page - Semtech Corporation RD2.7EB2 Datasheet HTML 4Page - Semtech Corporation RD2.7EB2 Datasheet HTML 5Page - Semtech Corporation RD2.7EB2 Datasheet HTML 6Page - Semtech Corporation RD2.7EB2 Datasheet HTML 7Page - Semtech Corporation RD2.7EB2 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 05/11/2005
RD2.0E~RD200E
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse Current
VZ (V)
1)
ZZ (Ω)
2)
ZZK (Ω)
2)
IR (µA)
Type
Min.
Max.
lZ (mA)
Max.
lZ (mA)
Max.
lZ (mA)
Max.
VR (V)
RD2.0EB
1.88
2.20
RD2.0EB1
1.88
2.10
RD2.0EB2
2.02
2.20
20
140
20
2000
1
120
0.5
RD2.2EB
2.12
2.41
RD2.2EB1
2.12
2.30
RD2.2EB2
2.22
2.41
20
120
20
2000
1
120
0.7
RD2.4EB
2.33
2.63
RD2.4EB1
2.33
2.52
RD2.4EB2
2.43
2.63
20
100
20
2000
1
120
1
RD2.7EB
2.54
2.91
RD2.7EB1
2.54
2.75
RD2.7EB2
2.69
2.91
20
100
20
1000
1
100
1
RD3.0EB
2.85
3.22
RD3.0EB1
2.85
3.07
RD3.0EB2
3.01
3.22
20
80
20
1000
1
50
1
RD3.3EB
3.16
3.53
RD3.3EB1
3.16
3.38
RD3.3EB2
3.32
3.53
20
70
20
1000
1
20
1
RD3.6EB
3.47
3.83
RD3.6EB1
3.47
3.68
RD3.6EB2
3.62
3.83
20
60
20
1000
1
10
1
RD3.9EB
3.77
4.14
RD3.9EB1
3.77
3.98
RD3.9EB2
3.92
4.14
20
50
20
1000
1
5
1
RD4.3EB
4.05
4.53
RD4.3EB1
4.05
4.26
RD4.3EB2
4.20
4.40
RD4.3EB3
4.34
4.53
20
40
20
1000
1
5
1
RD4.7EB
4.47
4.91
RD4.7EB1
4.47
4.65
RD4.7EB2
4.59
4.77
RD4.7EB3
4.71
4.91
20
25
20
900
1
5
1
RD5.1EB
4.85
5.35
RD5.1EB1
4.85
5.03
RD5.1EB2
4.97
5.18
RD5.1EB3
5.12
5.35
20
20
20
800
1
5
1.5
RD5.6EB
5.29
5.88
RD5.6EB1
5.29
5.52
RD5.6EB2
5.46
5.70
RD5.6EB3
5.64
5.88
20
13
20
500
1
5
2.5
RD6.2EB
5.81
6.40
RD6.2EB1
5.81
6.06
RD6.2EB2
5.99
6.24
RD6.2EB3
6.16
6.40
20
10
20
300
1
5
3
RD6.8EB
6.32
6.97
RD6.8EB1
6.32
6.59
RD6.8EB2
6.52
6.79
RD6.8EB3
6.70
6.97
20
8
20
150
0.5
2
3.5
RD7.5EB
6.88
7.64
RD7.5EB1
6.88
7.19
RD7.5EB2
7.11
7.41
RD7.5EB3
7.33
7.64
20
8
20
120
0.5
0.5
4
RD8.2EB
7.56
8.41
RD8.2EB1
7.56
7.90
RD8.2EB2
7.82
8.15
RD8.2EB3
8.07
8.41
20
8
20
120
0.5
0.5
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com