Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST4021 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST4021
Description  Termination (Load) 5 Watts To 40 GHz Heatsink Body 2.92mm Male (Plug), 1.45 VSWR, 200 Watts Peak Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST4021 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST4021 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST4021 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST4021 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.3 Page 1 of 3
Copyright © 2020
RF termination (also called RF load or dummy load) ST4021 from Fairview Microwave
operates from DC to 40 GHz and handles up to 5 Watts (CW). This 2.92mm
termination (or load) has a male gender. ST4021 2.92mm load termination offers
1.45:1 max VSWR. This 5W 2.92mm terminator from Fairview Microwave has a
heatsink body which is designed to provide adequate heat dissipation within its
full frequency of operation.
RF terminations / loads are critical passive components in many RF, microwave
and millimeter wave systems where signal reflection from unused ports can reduce
the signal integrity can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
VSWR
1.45:1
Input Power (CW)
5
Watts
derated linearly to 0.5W at +125°C
Input Power (Peak)
200
Watts
5µs pulse, 1.25% duty cycle
Mechanical Specifications
Size
Length
1 in [25.4 mm]
Width
1.5 in [38.1 mm]
.
Weight
0.0841 lbs [38.15 g]
.
Configuration
Connector
2.92mm Male
Hex Size
5/16 inch
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Beryllium Copper
Gold
MIL-G-45204
.
Body
Passivated Stainless Steel
.
Housing
Black Anodized Aluminum Heatsink
.
ST4021
DATA SHEET
Termination (Load) 5 Watts To 40 GHz Heatsink
Body 2.92mm Male (Plug), 1.45 VSWR, 200 Watts
Peak Power
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• DC to 40 GHz Frequency Range
• VSWR 1.45:1 Max
• Max Power 5 Watts (CW)
• 2.92mm Male Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Similar Part No. - ST4021

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST40200C SMC-ST40200C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST40200C SMCDIODE-ST40200C Datasheet
386Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
ST40250 SMCDIODE-ST40250 Datasheet
749Kb / 4P
SCHOTTKY RECTIFIER
REV.-
More results

Similar Description - ST4021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6085 PASTERNACK-PE6085 Datasheet
245Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6087 PASTERNACK-PE6087 Datasheet
370Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load Up To 40 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6177 PASTERNACK-PE6177 Datasheet
358Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7090-15 PASTERNACK-PE7090-15 Datasheet
353Kb / 3P
15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-3 PASTERNACK-PE7090-3 Datasheet
350Kb / 3P
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com