Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MSS40
Description  BACK TO BACK SCR MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40 Datasheet(HTML) 4 Page - STMicroelectronics

  MSS40 Datasheet HTML 1Page - STMicroelectronics MSS40 Datasheet HTML 2Page - STMicroelectronics MSS40 Datasheet HTML 3Page - STMicroelectronics MSS40 Datasheet HTML 4Page - STMicroelectronics MSS40 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSS40 / 50 Series
4/5
Fig. 5: Surge peak on-state current versus
number of cycles.
Fig. 6:Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10 ms, and
corresponding value of I²t.
Fig. 7-1: On-state characteristics (maximum
values) (MSS40).
Fig. 7-2: On state characteristics (maximum
values) (MSS50).
1
10
100
0
100
200
300
400
500
600
700
ITSM(A)
Non repetitiv e
Tj initial = 25 °C
MSS40
MSS50
MSS40
Repetitive
Tcase = 80 °C
MSS50
Repetitive
Tcase = 85 °C
Number of cycles
One cycle
t = 20ms
ITSM(A), I t(A S)
22
5000
1000
100
0.01
0.10
1.00
10.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
10
100
500
ITM(A)
Tj = 25°C
Tj max.:
Vto = 0.85V
Rd = 11m
Tj = Tjmax.
VTM(V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
10
100
1000
ITM(A)
Tj = 25°C
Tj max.:
Vto = 0.85V
Rd = 7m
Tj = Tjmax.
VTM(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com