Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU33 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 17Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 18Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 19Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 20Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 21Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 22Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 23Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 24Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
CJ2M-CPU3
@/-CPU1@/-MD21@
External Interface
CJ2M-CPU3
@ (CJ2M with Built-in EtherNet/IP)
A CJ2M-CPU3
@ provides two communications ports for external interfaces: a peripheral (USB) port and an EtherNet/IP port.
The Pulse I/O functions of the CJ2M can be used by mounting a Pulse I/O Module. Up to two Pulse I/O Modules can be connected to the left side
of a CJ2M CPU Unit.
Serial ports can be added by mounting a Serial Communications Option Board (sold separately) in an option slot.
CJ2M-CPU1
@
A CJ2M-CPU1
@ provides two communications ports for external interfaces: a peripheral (USB) port and a serial port.
The Pulse I/O of the CJ2M can be used by mounting a Pulse I/O Module. Up to two Pulse I/O Modules can be connected to the left side of a CJ2M
CPU Unit.
Battery Compartment
LED Indicators
DIP Switch
(inside the battery compartment)
Memory Card Indicators
Peripheral (USB) Port
Connect to PC with CX-Programmer
Option board slot
Add a serial option board (option)
EtherNet/IP Port
Connected to the information management
system such as Host Computer
Simple Backup/Memory Card
Power Supply Switch
Memory Card Connector
Memory Card Eject Button
COMM
COMM
CP1W-CIF11/CIF12
RS-422A/485
Option Board
CP1W-CIF01
RS-232C
Option Board
Attachable
Pulse I/O Module (2 units max.)
CJ2M-MD21
@
Battery Compartment
LED Indicator
DIP Switch
(inside the battery compartment)
Memory Card Indicators
Peripheral (USB) Port
Connect to PC with CX-Programmer
Built-in Serial Port
Connect to Host Computers,
general-purpose external device,
Programmable Terminals, and other devices.
Simple Backup/Memory Card
Power Supply Switch
Memory Card Connector
Memory Card Eject Button
Attachable
Pulse I/O Module (2 units max.)
CJ2M-MD21
@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com