Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2326_NPD Datasheet(PDF) 9 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # IP2326_NPD
Description  Boost Charging IC for 2/3 Serial Lithium Battery With 15W Fast Charge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.

IP2326_NPD Datasheet(HTML) 9 Page - ShenZhen ChipSourceTek Technology Co.,Ltd.

Back Button IP2326_NPD Datasheet HTML 5Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 6Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 7Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 8Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 9Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 10Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 11Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 12Page - ShenZhen ChipSourceTek Technology Co.,Ltd. IP2326_NPD Datasheet HTML 13Page - ShenZhen ChipSourceTek Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9 / 19
2/3 Series Charging Set
IP2326 CON_SEL pin can be used to choose between 2 series charging or 3 series charging:
When CON_SEL pin is suspended, select 2 series charging;
When CON_SEL is pull down to GND with 1kOhm resistor, select 3 series charging;
V1.2
TEL: +86-0755-27595155 27595165
FAX: +86-0755-27594792
WEB:Http://www.ChipSourceTek.com
E-mail: Sales@ChipSourceTek.com
Tony.Wang@ChipSourceTek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com