Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT300 Datasheet(PDF) 1 Page - FLEXTRAL

Part # HT300
Description  HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

HT300 Datasheet(HTML) 1 Page - FLEXTRAL

  HT300 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HT300 High-Temp. Textile Cover 500 PSI Multi-Purpose Hose
Tube: Temperature and chemical resistant tube (CPE)
Reinforcement: One braid high-tensile steel wire
Cover: Black, oil and abrasion resistance polyester braid
Temperature: -40°C to +150°C (-40°F to + 302°F)
Packaging: Coils
Application: Air brake, pressurized hot oil return lines and rotary oil/air compressor lines, high-temperature
transmission and lube oil systems using petroleum based oils.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT
ONE
PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
HT300-20
1Z\v
1.58
40.1
1,000
4,000
8.5
216
0.57
E
HT300-24
1Z|x
1.89
48.0
500
2,000
15.0
381
0.86
E
HT300-32
2
2.51
63.8
500
2,000
18.0
457
1.23
E, N, HA
HT300-40
2Z|x
2.97
75.4
500
2,000
22.0
559
1.56
HA
HT300-48
3
3.50
88.9
500
2,000
24.0
609
1.84
HA
www.
.com
V04.21


Similar Part No. - HT300

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HT300 SEOUL-HT300 Datasheet
489Kb / 11P
GREEN HIGH FLUX LED
HT300 SEOUL-HT300 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
HT300 SEOUL-HT300_1 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
More results

Similar Description - HT300

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTXT-HOS-1.5M RALSTON-XTXT-HOS-1.5M Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 1.5 meters long
XTXT-HOS-2FT RALSTON-XTXT-HOS-2FT Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 2ft long
XTXT-HOS-3FT RALSTON-XTXT-HOS-3FT Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 3ft long
XTXT-HOS-8FT RALSTON-XTXT-HOS-8FT Datasheet
269Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 8ft long
logo
Glenair, Inc.
667-241 GLENAIR-667-241 Datasheet
366Kb / 1P
3500 PSI Protective Cover
logo
Ralston Instruments.
XTXT-HOS-1.5M RALSTON-XTXT-HOS-1.5M_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 1.5 meters long
XTXT-HOS-1M RALSTON-XTXT-HOS-1M_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 1 meter long
XTXT-HOS-3FT RALSTON-XTXT-HOS-3FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 3ft long
XTXT-HOS-2FT RALSTON-XTXT-HOS-2FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 2ft long
XTXT-HOS-8FT RALSTON-XTXT-HOS-8FT_19 Datasheet
299Kb / 1P
Quick-test XT 10,000 psi hose, S.S. hose ends, 8ft long
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com