Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4NH-5ABC Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4NH-5ABC
Description  Miniature Safety-door Hinge Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NH-5ABC Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4NH-5ABC Datasheet HTML 4Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 5Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 6Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 7Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 8Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 9Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 10Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 11Page - Omron Electronics LLC D4NH-5ABC Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
G-216
Safety Sensors / Components
Recommended Connectors
Use connectors with screws not exceeding 9 mm, otherwise the
screws will protrude into the case interior, interfering with other
components in the case. The connectors listed in the following table
have connectors with thread sections not exceeding 9 mm. Use the
recommended connectors to ensure conformance to IP67.
Use LAPP connectors together with seal packing (JPK-16, GP-13.5,
GPM20, or GPM12), and tighten to the specified tightening torque.
Seal packing is sold separately.
LAPP is a German manufacturer. Ohm Denki is a Japanese
manufacturer.
Before using an M12 type, attaching the provided changing adaptor
to the Switch and then connect the recommended connector.
Before using a 2-conduit 1/2-14NPT type, attach the provided
changing adaptor to the Switch and then connect the recommended
connector.
Storage
Do not store the Switch in locations where hazardous gases (e.g.,
H
2S, SO2, NH3, HNO3, Cl2) or dust is present, or in locations subject
to high temperatures and humidity.
Others
• Do not allow the load current to exceed the rated value.
• Confirm that the seal rubber has no defects before use.
If the seal rubber is displaced or raised, or has foreign particles
adhered to it, the sealing capability of the seal rubber will be
adversely affected.
• Use the correct cover mounting screws only, or the sealing
capability of the seal rubber will deteriorate.
• Inspect the Switch regularly.
• Use the following recommended countermeasures to prevent
telegraphing when using adjustable or long levers.
1. Make the rear edge of the dog smooth with an angle of 15
 to 30
or make it in the shape of a quadratic curve.
2. Design the circuit so that no error signal will be generated.
3. Use or set a Switch that is operated in one direction only.
Production Termination
Following the release of the D4NH, production of the D4DH will be
terminated.
Date of Production Termination
Production of the D4DH Series will be terminated in March 2006.
Product Replacement
1. Dimensions
The D4DH and D4NH use the same mounting method, and
mounting hole. The multi-contact structure and the extra 4 mm in
length, however, are different.
2. Terminal Numbers
For the 2-contact model, the terminals 21, 22, 23, and 24 on the
D4DH are 31, 32, 33, and 34 on the D4NH.
3. Recommended Terminals
If the recommended terminals are not used, the Switch may not
be compatible. Make sure that the Switch is compatible with the
terminals.
Comparison of the D4DH and Substitute Products
List of Recommended Substitute Products
Using M screws is recommended to comply with European stan-
dards. Therefore, the M20 conduit model is recommended for use in
new designs.
Size
Manufacturer
Model
Applicable cable
diameter
G1/2
LAPP
ST-PF1/2
5380-1002
6.0 to 12.0 mm
Ohm Denki
OA-W1609
7.0 to 9.0 mm
OA-W1611
9.0 to 11.0 mm
Pg13.5
LAPP
ST-13.5
5301-5030
6.0 to 12.0 mm
M20
LAPP
ST-M20
 1.5
5311-1020
7.0 to 13.0 mm
1/2-14NPT
LAPP
ST-NPT1/2
5301-6030
6.0 to 12.0 mm
M12
LAPP
ST-M12
 1.5
5311-1000
3.5 to 7.0 mm
Model
D4NH
Switch color
Very similar
Dimensions
Very similar
Wiring/connection
Significantly different
Mounting method
Completely compatible
Ratings/performance
Very similar
Operating characteristics
Very similar
Operating method
Completely compatible
D4DH product
to be
discontinued
Recommended
substitute
product
D4DH product
to be
discontinued
Recommended
substitute
product
D4DH-15AS
D4NH-1AAS
D4DH-1AAS
D4NH-1BAS
D4DH-25AS
D4NH-2AAS
D4DH-2AAS
D4NH-2BAS
D4DH-35AS
D4NH-3AAS
D4DH-3AAS
D4NH-3BAS
D4DH-55AS
D4NH-5AAS
D4DH-5AAS
D4NH-5BAS
D4DH-65AS
D4NH-6AAS
D4DH-6AAS
D4NH-6BAS
D4DH-15BC
D4NH-1ABC
D4DH-1ABC
D4NH-1BBC
D4DH-25BC
D4NH-2ABC
D4DH-2ABC
D4NH-2BBC
D4DH-35BC
D4NH-3ABC
D4DH-3ABC
D4NH-3BBC
D4DH-55BC
D4NH-5ABC
D4DH-5ABC
D4NH-5BBC
D4DH-65BC
D4NH-6ABC
D4DH-6ABC
D4NH-6BBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com