Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV521A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV521A
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV521A Datasheet HTML 9Page - STMicroelectronics TSV521A Datasheet HTML 10Page - STMicroelectronics TSV521A Datasheet HTML 11Page - STMicroelectronics TSV521A Datasheet HTML 12Page - STMicroelectronics TSV521A Datasheet HTML 13Page - STMicroelectronics TSV521A Datasheet HTML 14Page - STMicroelectronics TSV521A Datasheet HTML 15Page - STMicroelectronics TSV521A Datasheet HTML 16Page - STMicroelectronics TSV521A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
5
Application information
5.1
Operating voltages
The amplifiers of the TSV52x, TSV52xA series can operate from 2.7 V to 5.5 V. Their parameters are fully
specified for 2.7 V, 3.3 V and 5 V power supplies. However, the parameters are very stable in the full VCC range,
and several characterization curves show the TSV52x, TSV52xA device characteristics at 2.7 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40 to +125 °C.
5.2
Common-mode voltage range
The TSV52x, TSV52xA devices are built with two complementary PMOS and NMOS input differential pairs. The
devices have a rail-to-rail input, and the input common-mode range is extended from VCC- - 0.1 V to VCC+ + 0.1 V.
The N channel pair is active for input voltage close to the positive rail typically (VCC+ - 0.7 V) to 100 mv above the
positive rail.
The P channel pair is active for input voltage close to the negative rail typically 100 mV below the negative rail to
VCC- + 0.7 V.
And between VCC- + 0.7 V and VCC+ - 0.7 V both N and P pairs are active.
When both pairs work together it allows to increase the speed of the TSV52x, TSV52xA devices. This architecture
improves the merit factor of the whole device. In the transition region, the performance of CMR, SVR, Vio (Figure
25 and Figure 26) and THD is slightly degraded.
Figure 25. Input offset voltage vs. input common-mode at
VCC = 2.7 V
0.0
0.0
0.3
0.6
0.6
0.9
1.2
1.2
1.5
1.8
1.8
2.1
2.4
2.4
2.7
-0.8
-0.8
-0.7
-0.6
-0.6
-0.5
-0.4
-0.4
-0.3
-0.2
-0.2
-0.1
0.0
0.0
Vicm (V)
AM00481
Figure 26. Input offset voltage vs. input common-mode at
VCC = 5.5 V
0.0 0.5 0.9 1.4 1.8 2.3 2.7 3.2 3.6 4.0 4.5 5.0 5.4
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
Vicm (V)
AM00482
5.3
Rail-to-rail input
The TSV52x, TSV52xA series are guaranteed without phase reversal as shown in Figure 28.
It is extremely important that the current flowing in the input pin does not exceed 10 mA. In order to limit this
current, a serial resistor can be added on the Vin path.
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Application information
DS8862 - Rev 4
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com