Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV522 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSV522
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV522 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSV522 Datasheet HTML 21Page - STMicroelectronics TSV522 Datasheet HTML 22Page - STMicroelectronics TSV522 Datasheet HTML 23Page - STMicroelectronics TSV522 Datasheet HTML 24Page - STMicroelectronics TSV522 Datasheet HTML 25Page - STMicroelectronics TSV522 Datasheet HTML 26Page - STMicroelectronics TSV522 Datasheet HTML 27Page - STMicroelectronics TSV522 Datasheet HTML 28Page - STMicroelectronics TSV522 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
7
Ordering information
Table 12. Order codes
Order code
Temperature range
Package
Packing
Marking
TSV521ICT
-40 to 125 °C
SC70-
Tape and reel
K1G
TSV522IQ2T
DFN82 x 2
K1G
TSV522IST
MiniSO8
K1G
TSV524IQ4T
QFN163 x 3
K1G
TSV524IPT
TSSOP14
TSV524
TSV522IYST
-40 to 125 °C
Automotive grade (1)
MiniSO8
K1H
TSV524IYPT
TSSOP14
TSV524Y
TSV521AICT
-40 to 125 °C
SC70-5
K1K
TSV522AIQ2T
DFN82 x 2
K1K
TSV522AIST
MiniSO8
K1K
TSV524AIQ4T
QFN163 x 3
K1K
TSV524AIPT
TSSOP14
TSV524A
TSV522AIYST
-40 to 125 °C
Automotive grade(1)
MiniSO8
K1L
TSV524AIYPT
TSSOP14
TSV524AY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q 002 or equivalent.
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Ordering information
DS8862 - Rev 4
page 26/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com