Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31 Datasheet(PDF) 38 Page - STMicroelectronics

Part # VIPER31
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VIPER31_V01 Datasheet HTML 31Page - STMicroelectronics VIPER31_V01 Datasheet HTML 32Page - STMicroelectronics VIPER31_V01 Datasheet HTML 33Page - STMicroelectronics VIPER31_V01 Datasheet HTML 34Page - STMicroelectronics VIPER31_V01 Datasheet HTML 35Page - STMicroelectronics VIPER31_V01 Datasheet HTML 36Page - STMicroelectronics VIPER31_V01 Datasheet HTML 37Page - STMicroelectronics VIPER31_V01 Datasheet HTML 38Page - STMicroelectronics VIPER31_V01 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
List of figures
Figure 1.
Connection diagram ................................................................ 2
Figure 2.
Rth_JA versus copper area ............................................................ 5
Figure 3.
IDLIM vs. TJ....................................................................... 9
Figure 4.
FOSC vs. TJ ...................................................................... 9
Figure 5.
VHV_START vs. TJ .................................................................. 9
Figure 6.
VFB_REF vs. TJ .................................................................... 9
Figure 7.
Quiescent Current Iq vs. TJ............................................................ 9
Figure 8.
Operating current ICC vs. TJ ........................................................... 9
Figure 9.
ICH1 vs. TJ ...................................................................... 10
Figure 10.
ICH2 vs. TJ ...................................................................... 10
Figure 11.
ICH1 vs. VDRAIN................................................................... 10
Figure 12.
ICH2 vs. VDRAIN................................................................... 10
Figure 13.
GM vs. TJ....................................................................... 10
Figure 14.
ICOMP vs. TJ ..................................................................... 10
Figure 15.
RDSON vs. TJ .................................................................... 11
Figure 16.
RDSON vs. IDRAIN ................................................................. 11
Figure 17.
Static drain-source on resistance ...................................................... 11
Figure 18.
Power MOSFET COSS vs. VDS @ VGS=0, f=1MHz .......................................... 11
Figure 19.
VBVDSS vs. TJ.................................................................... 11
Figure 20.
Output characteristic ............................................................... 11
Figure 21.
SOA SO16N package .............................................................. 12
Figure 22.
Maximum avalanche energy vs. Tj ..................................................... 12
Figure 23.
Block diagram ................................................................... 13
Figure 24.
Typical deliverable output power vs. TAMB (Vin: 85-265VAC) .................................... 14
Figure 25.
Power ON and power OFF ........................................................... 15
Figure 26.
Soft startup ..................................................................... 16
Figure 27.
Pulse skipping during startup ......................................................... 17
Figure 28.
Light load efficiency @ 230VAC ....................................................... 18
Figure 29.
No load input power vs input voltage .................................................... 18
Figure 30.
Overload protection................................................................ 19
Figure 31.
UVP timing...................................................................... 20
Figure 32.
Connection for input undervoltage protection/disable (isolated or non-isolated topologies) ............... 20
Figure 33.
Hold-up in case of input line missing cycles ............................................... 21
Figure 34.
OVP timing ..................................................................... 22
Figure 35.
Connection for input overvoltage protection (iso/non-iso topologies) .............................. 23
Figure 36.
Connection for output overvoltage protection (non-iso topologies) ................................ 23
Figure 37.
Connection for input and output overvoltage protections (iso/non-iso topologies)...................... 24
Figure 38.
Thermal shutdown timing diagram...................................................... 25
Figure 39.
Flyback converter (non-isolated) ....................................................... 26
Figure 40.
Flyback converter (isolated) .......................................................... 26
Figure 41.
Flyback converter (primary regulation) ................................................... 27
Figure 42.
Buck converter ................................................................... 27
Figure 43.
Buck-boost converter............................................................... 27
Figure 44.
Input power vs VIN in no-load condition, VOUT = 15V ......................................... 28
Figure 45.
Input power vs VIN in light-load conditions, VOUT = 15V ....................................... 29
Figure 46.
Recommended routing for flyback converter ............................................... 31
Figure 47.
Recommended routing for buck converter ................................................ 31
Figure 48.
SO16N package outline ............................................................. 32
VIPER31
List of figures
DS13285 - Rev 6
page 38/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com