Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV522A Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSV522A
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV522A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSV522A Datasheet HTML 21Page - STMicroelectronics TSV522A Datasheet HTML 22Page - STMicroelectronics TSV522A Datasheet HTML 23Page - STMicroelectronics TSV522A Datasheet HTML 24Page - STMicroelectronics TSV522A Datasheet HTML 25Page - STMicroelectronics TSV522A Datasheet HTML 26Page - STMicroelectronics TSV522A Datasheet HTML 27Page - STMicroelectronics TSV522A Datasheet HTML 28Page - STMicroelectronics TSV522A Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Table 11. QFN16 3x3 wettable flank mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0,90
0,95
1,00
0,035
0,037
0,039
A1
0,00
0,05
0,000
0,002
A2
0,75
0,030
A3
0,20
0,008
b
0,20
0,25
0,30
0,008
0,010
0,012
D
3,00
0,118
E
3,00
0,118
e
0,50
0,020
D2
1,56
1,66
1,76
0,061
0,065
0,069
E2
1,56
1,66
1,76
0,061
0,065
0,069
K
0,27
0,011
L
0,30
0,40
0,50
0,012
0,016
0,020
Figure 37. QFN16 3x3 wettable flank recommended footprint
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Package information
DS8862 - Rev 4
page 25/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com