Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319XDTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER319XDTR
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319XDTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER319XDTR Datasheet HTML 10Page - STMicroelectronics VIPER319XDTR Datasheet HTML 11Page - STMicroelectronics VIPER319XDTR Datasheet HTML 12Page - STMicroelectronics VIPER319XDTR Datasheet HTML 13Page - STMicroelectronics VIPER319XDTR Datasheet HTML 14Page - STMicroelectronics VIPER319XDTR Datasheet HTML 15Page - STMicroelectronics VIPER319XDTR Datasheet HTML 16Page - STMicroelectronics VIPER319XDTR Datasheet HTML 17Page - STMicroelectronics VIPER319XDTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Figure 24. Typical deliverable output power vs. TAMB (Vin: 85-265VAC)
4.3
Primary MOSFET
The primary switch is implemented with an avalanche rugged N-channel MOSFET with 800 V minimum
breakdown voltage, VBVDSS, and 3.5 Ω maximum on-resistance, RDS(on).
The sense-FET is embedded and allows a virtually lossless current sensing.
The MOSFET gate driver controls the gate current during both turn-on and turn-off in order to minimize common
mode EMI. Under UVLO conditions the embedded pull-down circuit holds the gate low in order to ensure that the
MOSFET cannot be turned on accidentally.
4.4
High-voltage startup
The embedded high-voltage startup includes both the 800 V startup FET, whose gate is biased through the
resistor RG, and the switchable HV current source, delivering the current IHV. The major portion of IHV, (ICH),
charges the capacitor connected to VCC pin. A minor portion is sunk by the controller block.
Power on: at startup, as the voltage across the DRAIN pin exceeds the VHV_START threshold, the HV current
source is turned on, charging linearly the VCC capacitor with the current ICH2 (8.8 mA typ.). This charging current
is reduced to ICH1 (1 mA typ.) in case VCC is lower than 1 V (typical value), in order to limit IC power dissipation in
case the pin is accidentally shorted to GND.
As VCC reaches the startup threshold, VCCon, the chip starts operating, the primary MOSFET is enabled to switch,
the HV current source is disabled and the device is powered by the energy stored in the VCC capacitor. The IC
can be supplied through a transformer auxiliary winding or, in case of not isolated topologies with VOUT ≥ 5 V,
directly from the converter’s output.
The supply operating range is from 4.5 V to 30.5 V. If VCC pin voltage exceeds 30.5 V (referred to VGND), the
internal clamp could be reached, which causes the VIPER31 to stop switching.
This condition is potentially dangerous for the VIPER31 and must be avoided, by means of proper transformer
design and/or external protection (zener diode between VCC and GND pins).
In normal operation the HV current source is always kept off by maintaining VCC above VCson, so its residual
consumption is given by the power dissipated on RG only, calculated as follows:
Equation 1
(1)
PHV(VIN) = VIN2/RG
VIPER31
General description
DS13285 - Rev 6
page 14/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com