Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV631 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSV631
Description  High merit factor (1.15 MHz for 45 μA) rail-to-rail 5 V op amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV631 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSV631 Datasheet HTML 10Page - STMicroelectronics TSV631 Datasheet HTML 11Page - STMicroelectronics TSV631 Datasheet HTML 12Page - STMicroelectronics TSV631 Datasheet HTML 13Page - STMicroelectronics TSV631 Datasheet HTML 14Page - STMicroelectronics TSV631 Datasheet HTML 15Page - STMicroelectronics TSV631 Datasheet HTML 16Page - STMicroelectronics TSV631 Datasheet HTML 17Page - STMicroelectronics TSV631 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Figure 27. Phase reversal test schematic
VCC+
VCC-
Vout
Vinp
5 V
2.5 V
AM00483
+
_
Figure 28. No phase reversal
-2.0
-2.0
-1.0
0.0
0.0
1.0
2.0
2.0
3.0
4.0
4.0
5.0
6.0
6.0
-1
0
1
2
3
4
5
6
VCC = 5.5 V
Vinn = 2.75 V
Vinp (V)
AM00484
5.4
Rail-to-rail output
The operational amplifier output levels can go close to the rails: 35 mV maximum above and below the rail when
connected to a 10 kΩ resistive load to VCC/2.
5.5
Driving resistive and capacitive loads
To drive high capacitive loads, adding an in-series resistor at the output can improve the stability of the device
(see Figure 29 for the recommended in series value). Once the in-series resistor has been selected, the stability
of the circuit should be tested on the bench and simulated with simulation models. The Rload is placed in parallel
with the capacitive load. The Rload and the in-series resistor create a voltage divider which introduces an error
proportional to the ratio Rs/Rload. By keeping Rs as low as possible, this error is generally negligible.
Figure 29. In-series resistor versus capacitive load
0.1
1.0
10.0
100.0
1
10
100
Stable
Minimum serial resistor to be added to a given
capacitive load in order to ensure stability
VCC = 5 V, Vicm = 2.5 V, T = 25 °C, R load
Unstable
Capacitive load (nF)
AM00485
5.6
Input offset voltage drift over the temperature
The maximum input voltage drift over the temperature variation is defined as the offset variation related to offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can be
compensated during production at application level. The maximum input voltage drift over temperature enables
the system designer to anticipate the effect of temperature variations.
The maximum input voltage drift over temperature is computed using Equation 1.
TSV521, TSV522, TSV524,TSV521A, TSV522A, TSV524A
Application information
DS8862 - Rev 4
page 14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com