Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ03-1A4-D012-R Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RZ03-1A4-D012-R
Description  Power PCB Relay RZ
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RZ03-1A4-D012-R Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RZ03-1A4-D012-R Datasheet HTML 1Page - TE Connectivity Ltd RZ03-1A4-D012-R Datasheet HTML 2Page - TE Connectivity Ltd RZ03-1A4-D012-R Datasheet HTML 3Page - TE Connectivity Ltd RZ03-1A4-D012-R Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
09-2018, Rev. 0918
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
Other Data
Terminal type
standard version
PCB -THT 2)
reinforced sealed version
PCB -THT, plug-in
reflow version
PCB -THR
Mounting distance
≥0mm
Weight
10g
Resistance to soldering heat
THT, IEC 60068-2-20
RTII 270°C/10s
THR: reflow version forced
gas convection 3)
or vapour phase 4)
temperature profile
according EN61730
Packaging/unit
tube/20 pcs., box/500 pcs.
2) The use of foaming flux is not permitted.
3) Infrared heating not allowed
4) Recommended fluid LS-230
5) only for reflow version 2,5mm
6) only for reflow version 15,7 +0,3/-0mm
Accessories
For details see datasheet
Accessories Industrial Power Relay RT
NOTE: indicated contact ratings and electrical endurance data for direct
wiring of relays (according IEC 61810-1); for relays mounted on sockets
deratings may apply.
General Purpose Relays
PCB Relays
Power PCB Relay RZ (Continued)
Mechanical endurance
>10x106 operations
Coil Data
Coil voltage range
3 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
D003
3
2.1
0.3
22
410
D005
5
3.5
0.5
60
420
D006
6
4.2
0.6
90
400
D009
9
6.3
0.9
200
400
D012
12
8.4
1.2
360
400
D015
15
10.5
1.5
562
410
D024
24
16.8
2.4
1440
400
D048
48
33.6
4.8
5730
400
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
standard and reflow cover version according EN 60335-1, par.30
Ambient temperature
standard version
-40 to 85°C
Category of environmental protection
IEC 61810
RTII - flux proof
Vibration resistance (functional), 30 to 500Hz
closing form A contact
>15g
opening form A contact
>20g
opening form B contact
>5g
Shock resistance (destructive)
100g
Dimensions
12A, pinning 3.5mm
12A, 16A, pinning 5mm
S0557-AB
S0557-AA
5) only for reflow version 2,5mm
6) only for reflow version 15,7 +0,3/-0mm
5) only for reflow version 2,5mm
6) only for reflow version 15,7 +0,3/-0mm
6)
5)
5)
6)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com