Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS40-800 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSS40-800
Description  BACK TO BACK SCR MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS40-800 Datasheet(HTML) 1 Page - STMicroelectronics

  MSS40-800 Datasheet HTML 1Page - STMicroelectronics MSS40-800 Datasheet HTML 2Page - STMicroelectronics MSS40-800 Datasheet HTML 3Page - STMicroelectronics MSS40-800 Datasheet HTML 4Page - STMicroelectronics MSS40-800 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
®
MSS40 / 50 Series
BACK TO BACK SCR MODULE
September 2000 - Ed: 3
MAIN FEATURES:
DESCRIPTION
Packaged in ISOTOP modules, the MSS40 /
MSS50 Series is based on two back-to-back SCR
configurations, providing high noise immunity.
They are suitable for high power applications such
as solid state relays, heating control systems,
welding equipment, motor control circuits...
The compactness of the ISOTOP package allows
high power density and optimized power bus
connections. Thanks to their internal ceramic pad,
they provide high voltage insulation (2500V RMS),
complying with UL standards (File ref: E81734).
Symbol
Value
Unit
IT(RMS)
55 and 70
A
VDRM/VRRM
800 and 1200
V
IGT
50
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
MSS40
MSS50
IT(RMS)
RMS on-state current
Tc = 80 °C
55
A
Tc = 85 °C
70
ITSM
Non repetitive surge peak on-state
current
tp = 16.7 ms
Tj = 25°C
420
630
A
tp = 20 ms
400
600
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
800
1800
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
A1
A2
G2
G1
ISOTOP®
ISOTOP is a registred trademark of STMicroelectronics
PIN CONNECTIONS
A1
A2
G1
G2
1: Thyristor 2 Anode (A2)
2: Thyristor 2 Gate (G2)
3: Thyristor 1 Anode (A1)
4: Thyristor 1 Gate (G1)
4
1
3
2


Similar Part No. - MSS40-800

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
MSS40-800 COMSET-MSS40-800 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
More results

Similar Description - MSS40-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Glenair, Inc.
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
Nanominiature Connectors Double Row Back-To-Back
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
Dual Row Nano Back-to-Back Connector
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
logo
NXP Semiconductors
NX30P0121UK NXP-NX30P0121UK Datasheet
483Kb / 21P
High-voltage back-to-back OVP switch
Rev. 1.0 - 19 June 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com