Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4N-2F62 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4N-2F62
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2F62 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4N-2F62 Datasheet HTML 1Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 2Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 3Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 4Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 5Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 6Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 7Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 8Page - Omron Electronics LLC D4N-2F62 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CSM_D4N_DS_E_10_1
1
Safety Limit Switch
D4N
Popular Safety Limit Switches
Providing a Full Lineup Conforming to
International Standards
• Lineup includes models with 1NC/1NO, 2NC, 2NC/1NO and
3NC contact forms.
(Slow-action models with MBB contacts are available.)
• M12-connector models are also available, saving on labor and
simplifying replacement.
• Standardized gold-clad contacts provide high contact reliability.
Can be used with both standard loads and microloads.
• Conforms to the requirements for safety contacts in EN 115-1,
EN 81-20, and EN 81-50 (slow-action models only).
• Certified standards: UL, EN (TÜV), and CCC
Model Number Structure
Model Number Legend
1-Conduit Models
1. Conduit size
1: Pg13.5
2: G1/2
4: M20
9: M12 connector
2. Built-in Switch
1: 1NC/1NO (snap-action)
2: 2NC (snap-action)
A: 1NC/1NO (slow-action)
B: 2NC (slow-action)
C: 2NC/1NO (slow-action)
D: 3NC (slow-action)
E: 1NC/1NO (MBB contact) (slow-action)
F: 2NC/1NO (MBB contact) (slow-action)
3. Head and Actuator
20: Roller lever (resin lever, resin roller)
22: Roller lever (metal lever, resin roller)
25: Roller lever (metal lever, metal roller)
26: Roller lever (metal lever, bearing roller)
2G: Adjustable roller lever, form lock (metal lever, resin roller)
2H: Adjustable roller lever, form lock (metal lever, rubber roller)
31: Plunger
32: Roller Plunger
62: One-way roller arm lever (horizontal)
72: One-way roller arm lever (vertical)
80: Cat whisker
87: Plastic rod
RE:Fork lever lock (right operation)
LE: Fork lever lock (left operation)
2-Conduit Models
1. Conduit size
6: G1/2
8: M20
2. Built-in Switch
1: 1NC/1NO (snap-action)
2: 2NC (snap-action)
A: 1NC/1NO (slow-action)
B: 2NC (slow-action)
C: 2NC/1NO (slow-action)
D: 3NC (slow-action)
E: 1NC/1NO (MBB contact) (slow-action)
F: 2NC/1NO (MBB contact) (slow-action)
3. Head and Actuator
20: Roller lever (resin lever, resin roller)
22: Roller lever (metal lever, resin roller)
25: Roller lever (metal lever, metal roller)
26: Roller lever (metal lever, bearing roller)
2G: Adjustable roller lever, form lock (metal lever, resin roller)
2H: Adjustable roller lever, form lock (metal lever, rubber roller)
31: Plunger
32: Roller Plunger
62: One-way roller arm lever (horizontal)
72: One-way roller arm lever (vertical)
Note: Contact your sales representative for details on models
with safety standard certification.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read the “Safety Precautions” on page 17.
1 2
3
D4N-
@@@@
1 2
3
D4N-
@@@@


Similar Part No. - D4N-2F62

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4N-2120 OMRON-D4N-2120 Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-2122 OMRON-D4N-2122 Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-2125 OMRON-D4N-2125 Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-2126 OMRON-D4N-2126 Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
D4N-212G OMRON-D4N-212G Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
More results

Similar Description - D4N-2F62

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
Safety Limit Switches
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
ED-1-1-20 HIGHLY-ED-1-1-20 Datasheet
2Mb / 8P
ED SERIES SAFETY LIMIT SWITCH
EFM-L-3-20 HIGHLY-EFM-L-3-20 Datasheet
1Mb / 4P
EFM SERIES MINIATURE METAL SAFETY LIMIT SWITCH
EP-1-1-20 HIGHLY-EP-1-1-20 Datasheet
1Mb / 4P
EP SERIES SAFETY LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com