Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22Z-R25 Datasheet HTML 1Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 2Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 3Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 4Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
A22E
4
Lighted Models
* Models with Korean S-mark certification
Switch with Integrated Control Box
Note: The A22Z-B101Y Control Box is used.
* Models with Korean S-mark certification
Operation
Push-lock turn-reset system
Color of cap
Appearance
Contacts
(Number of
switch blocks)
LED Lamp voltage
Set Model
40-dia. head
Push-lock
Turn-reset
Lighting unit
(Direct lighting)
A22E
1NC (1)
6 VAC/VDC
A22EL-M-6A-01
*
Red
12 VAC/VDC
A22EL-M-12A-01
*
24 VAC/VDC
A22EL-M-24A-01
*
1NC, 1NO (2)
6 VAC/VDC
A22EL-M-6A-11
*
12 VAC/VDC
A22EL-M-12A-11
*
24 VAC/VDC
A22EL-M-24A-11
*
2NC (2)
6 VAC/VDC
A22EL-M-6A-02
*
12 VAC/VDC
A22EL-M-12A-02
*
24 VAC/VDC
A22EL-M-24A-02
*
40-dia. head
Push-lock
Turn-reset
Lighting unit
(Voltage-
reduction lighting)
A22E
1NC (1)
100 VAC
A22EL-M-T1-01
200 VAC
A22EL-M-T2-01
1NC, 1NO (2)
100 VAC
A22EL-M-T1-11
200 VAC
A22EL-M-T2-11
2NC (2)
100 VAC
A22EL-M-T1-02
200 VAC
A22EL-M-T2-02
Appearance
Contact configuration (Number of switch blocks)
Model
1NC (1)
A22E-M-01B
*
1NC, 1NO (2)
A22E-M-11B
*
2NC (2)
A22E-M-02B
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com