Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 23Page - Omron Electronics LLC A22Z-R Datasheet HTML 24Page - Omron Electronics LLC A22Z-R Datasheet HTML 25Page - Omron Electronics LLC A22Z-R Datasheet HTML 26Page - Omron Electronics LLC A22Z-R Datasheet HTML 27Page - Omron Electronics LLC A22Z-R Datasheet HTML 28Page - Omron Electronics LLC A22Z-R Datasheet HTML 29Page - Omron Electronics LLC A22Z-R Datasheet HTML 30Page - Omron Electronics LLC A22Z-R Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
A22NE-P
27
Removing the Mounting Latch
Switch Blocks and Lighting Unit
Attaching the LED Lamp to the Lighting Unit
Control Box
When the Mounting Latch is to be Removed
• Press the lock lever in from the back side to release the lock, and then hook
the Mounting Collar with a screwdriver, move it in the direction indicated at
(2), and remove it. Turn the lever all of the way until it clicks into place.
(1) Installing the Switch Blocks and Lighting Unit
• Catch the projection on the opposite side of the Mounting Collar from the
lever side and press the Switch Block in the direction indicated at (1).
(2) Removing the Switch Blocks and Lighting Units
• Insert a screwdriver into the gap between the Mounting Collar and Switch
Block and press it inward in the direction shown at (2).
(1)
(3)
(2)
(1)
(1)
(2)
(3)
When the LED Lamp is to be Installed
• Insert the protrusions on the LED Lamp into the guides on the Lighting Unit
and then turn the LED Lamp in direction (2) to lock it in place.
(1) Mounting the Switch
Mount the Switch in the same way as for a standard panel.
The tightening torque of the Box screws is 1.4 to 2.0 N·m.
(2) Creating a Cable Hole
To open a cable hole, leave the cover attached, place the tip of a
screwdriver in the grooves at four locations around the cable hole, and strike
the screwdriver with a hammer to open the hole.
(3) Securing the Connector Cable
1. Insert the connector into the cable port hole in the Box and
secure with the fixing nut inside the box.
2. Open a hole in the thin rubber section of the rubber ring.
3. Pass the tightening cap through the cable, insert the cable into
the connector, and tighten the hexagonal nut to secure the cable.
2
1
Legend Plate
Switch Box
Screwdriver
Groove
Side
Strike at four
diagonally
opposed locations
to open the hole.
Cover
Cable
Hole
Panel
Connector
Tightening cap
Cable
Rubber washer
Mounting
RIng
Cable diameter
(mm)
Connector
7 to 9 dia.
A22Z-3500-1
9 to 11 dia.
A22Z-3500-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com