Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07C Datasheet(PDF) 3 Page - STMicroelectronics

Part # OP07C
Description  VERY LOW OFFSET SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07C Datasheet(HTML) 3 Page - STMicroelectronics

  OP07C Datasheet HTML 1Page - STMicroelectronics OP07C Datasheet HTML 2Page - STMicroelectronics OP07C Datasheet HTML 3Page - STMicroelectronics OP07C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =+25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
0
°C ≤ Tamb ≤ +70°C
60
150
250
µV
Long Term Input Offset
Voltage Stability - (note 1)
0.4
2
µV/Mo
DVio
Input Offset Voltage Drift
0.5
1.8
µV/°C
Iio
Input Offset Current
0
°C ≤ Tamb ≤ +70°C
0.8
6
8
nA
DIio
Input Offset Current Drift
15
50
pA/
°C
Iib
Input Bias Current
0
°C ≤ Tamb ≤ +70°C
1.8
7
9
nA
DIib
Input Bias Current Drift
15
50
pA/
°C
Ro
Open Loop Output Resistance
60
Ω
Rid
Differential Input Resistance
33
M
Ω
Ric
Common Mode Input Resistance
120
G
Ω
Vicm
Input Common Mode Voltage Range
0
°C ≤ Tamb ≤ +70°C
±13
±13
±13.5
V
CMR
Common Mode Rejection Ratio
(Vi =Vicm min)
0
°C ≤ Tamb ≤ +70°C
100
97
120
dB
SVR
Supply Voltage Rejection Ratio
(VCC =
±3to ±18V)
0
°C ≤ Tamb ≤ +70°C
90
86
104
dB
Avd
Large Signal Voltage Gain
VCC =
±15, RL =2kΩ,VO = ±10V,
0
°C ≤ Tamb ≤ +105°C
VCC =
±3V, RL = 500Ω,VO = ±0.5V
120
100
100
400
400
V/mV
Vopp
Output Voltage Swing
RL = 10k
Ω
RL= 2k
Ω
RL= 1k
Ω
0
°C ≤ Tamb ≤ +70°CRL =2kΩ
±12
±11.5
±11
±13
±12.8
±12
V
SR
Slew Rate (RL =2k
Ω,CL = 100pF)
0.17
V/
µS
GBP
Gain Bandwidth Product
(RL =2k
Ω,CL = 100pF, f = 100kHz)
0.5
MHz
ICC
Supply Current - (no load)
0
°C ≤ Tamb ≤ +70°C
VCC =
±3V
2.7
0.67
5
6
1.3
mA
en
Equivalent Input Noise Voltage
f = 10Hz
f = 100Hz
f = 1kHz
11
10.5
10
20
13.5
11.5
nV
√
Hz
in
Equivalent Input Noise Current
f = 10Hz
f = 100Hz
f = 1kHz
0.3
0.2
0.1
0.9
0.3
0.2
pA
√
Hz
Note 1 :
1. Long Term Input Offset Voltage Stability refers to the average trend line of Vio vs time over extended periods after
the first 30 days of operation.
OP07C
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com