Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

253C503C60NA Datasheet(PDF) 1 Page - CTS Corporation

Part # 253C503C60NA
Description  Two Axis, Ministick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

253C503C60NA Datasheet(HTML) 1 Page - CTS Corporation

  253C503C60NA Datasheet HTML 1Page - CTS Corporation 253C503C60NA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Potentiometer 1 & 2
Resistance Range
Resistance Tolerance
Standard: ±30%
Insulation Resistance
100 Megaohms @ 250 VDC
Operation Torque
180 ±50 gf-cm (2.5 ±0.7 in-oz)
Power Rating
0.0125 watt @ 50°C, derated to load @ 85°C
Maximum Operating Voltage
50 VAC or 5 VDC maximum
Angle of Rotation
54° maximum
Life
Standard: 1,000,000 cycles
Two Axis, Ministick
Controller With
Optional Momentary
Switch
Features
• Compact Size: 20x18x6mm
(.79"x.71"x.24")
• Long Life 1 Million Cycles
• Optional momentary switch is
operational at all rotations
• Sturdy metal case with convenient
mounting tabs
Electrical and Mechanical Specifications
Series 253
• RoHS compliant
Available Switch
Type
Momentary
Contact Resistance
100 milliohms max
Dielectric Strength
250 VAC 50/60 Hz for 1 minute
Insulation Resistance
100 Megaohms min @ 100 VDC
Operational Force
1,200±260 g
Power Rating
5 VDC, 5 mA maximum
Travel
0.5
mm
Switch Life
500,000 cycles
RoHS Compliance
Compliant with European Union RoHS Directive
Maximum Contact Resistance
switching 5mA @ 5VDC
+0.5
-0.4
10 K ohms through 200 K ohms
Special: Consult CTS
200 milliohms max after 500,000 cycles
®
1 - 2
01/24/07
CTS Electronic Components
www.ctscorp.com
Special: ±10% and ± 20% available
Pat. No: US 6,654,005 . Taiwan: 176676. Pat. Pending in Japan & China
© 2007 CTS Corporation. All rights reserved. Information subject to change.


Similar Part No. - 253C503C60NA

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
logo
List of Unclassifed Man...
253 ETC2-253 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
253 LITTELFUSE-253 Datasheet
864Kb / 4P
Axial Lead & Cartridge Fuses
logo
3M Electronics
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
logo
Christian Bürkert GmbH ...
253 BURKERT-253 Datasheet
79Kb / 4P
2/2-Way Solenoid Valve
22.09.2017
More results

Similar Description - 253C503C60NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC102 ETC2-AMC102 Datasheet
490Kb / 7P
Two-axis precision servo controller module
logo
CTS Corporation
252 CTS-252 Datasheet
618Kb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
LUMEX INC.
CLS-PC11A125S00G LUMEX-CLS-PC11A125S00G Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00R LUMEX-CLS-PC11A125S00R Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00Y LUMEX-CLS-PC11A125S00Y Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
logo
CTS Corporation
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com