Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

262UR503C Datasheet(PDF) 2 Page - CTS Corporation

Part # 262UR503C
Description  Commercial Miniature 10mm Conductive Plastic Trimmer Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

262UR503C Datasheet(HTML) 2 Page - CTS Corporation

  262UR503C Datasheet HTML 1Page - CTS Corporation 262UR503C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RESIST TOL
A– ±10%
B– ±20%
C– ±30%
MOUNTING STYLE
X – VERTICAL
MOUNT
U – HORIZONTAL
MOUNT
KNOB TYPE
TYPE ADJUSTMENT
R – SCREWDRIVER
SLOTTED,
SMOOTH EDGE
CTS Type U262
262
X
R
103
DIMENSION:
mm
INCH
CTS Type X262
Standard Stocked Series 262 Trimmers
CTS Series 262 trimmers are available off the shelf from
Distributor Stock under the following part numbers.
Distributor Stock Values
Type and Part Number
Resistance
Knob
Value ± 20%
Color
262X
262U
500Ω
Green
262XR501B
262UR501B
1KΩ
Yellow
262XR102B
262UR102B
2.5KΩ
Red
262XR252B
262UR252B
5KΩ
Blue
262XR502B
262UR502B
10KΩ
White
262XR103B
262UR103B
25KΩ
Black
262XR253B
262UR253B
50KΩ
Orange
262XR503B
262UR503B
100KΩ
Gray
262XR104B
262UR104B
250KΩ
Violet
262XR254B
262UR254B
500KΩ
Brown
262XR504B
262UR504B
1.0MegΩ
Light Blue
252XR105B
262UR105B
Ordering Information
RESISTANCE CODE
EXAMPLES
CODERESISTANCE
501
500 OHMS
102
1K
252
2.5K
502
5K
103
10K
253
25K
503
50K
104
100K
B
2.50
5.00
Ø1.30-Ø1.40
9.35
0.89
1.02
3.42
5.54
2.64 HEX. x 1.40 DP.
Ø2.5 x 0.8 WIDTH THRU. SLOT
1.40 DP SLOT
.055
9.4
5.4
3.6
2.79
1.17
REF.
0.30
4.44
10.0
REF.
5.56
10.00
.218
.135
.040
.370
.035
.213
.142
.368
.098 x .031
.046
.012
.175
.394
.110
.394
.219
.051-.055
(3) HLS
.098
.197
.104 HEX. x .055 DP.
2.50
2.50
5.00
Ø1.30-Ø1.40
4.2
9.35
4.7
7.2
4.4
0.89
2.8
2.5
10.0
1.02
3.42
5.54
1.02
TYP.
2.5
5.00
2.64 HEX x 1.40 DP.
Ø2.5 x 0.8 WIDTH THRU SLOT
1.40 DP SLOT
9.4
.055
.218
.135
.040
.394
.104 HEX x .055 DP.
.368
.165
.185
.283
.173
.035
.110
.098
.040
.098
.197
.370
.098 x .031
.051-.055
.098
.098
.197
DIMENSION:
mm
INCH
(3) HLS
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com