Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # P01
Description  0.8A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P01 Datasheet(HTML) 5 Page - STMicroelectronics

  P01 Datasheet HTML 1Page - STMicroelectronics P01 Datasheet HTML 2Page - STMicroelectronics P01 Datasheet HTML 3Page - STMicroelectronics P01 Datasheet HTML 4Page - STMicroelectronics P01 Datasheet HTML 5Page - STMicroelectronics P01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P01 Series
5/6
Fig. 10:
On-state
characteristics (maximum
values).
Fig. 11: SOT-223 Thermal resistance junction to
ambient versus copper surface under tab (Epoxy
printed circuit board FR4, copper thickness:
35
µm).
Ω
ITM(A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1E+1
1E+0
1E-1
1E-2
VTM(V)
Rth(j-a) (°C/W)
S (cm )
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
130
120
110
100
90
80
70
60
50
40
30
20
10
0
PACKAGE MECHANICAL DATA
TO-92 (Plastic)
D
F
a
E
B
A
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com