Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

252B103CNB Datasheet(PDF) 2 Page - CTS Corporation

Part # 252B103CNB
Description  Two Axis, Ministick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

252B103CNB Datasheet(HTML) 2 Page - CTS Corporation

  252B103CNB Datasheet HTML 1Page - CTS Corporation 252B103CNB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
mm
CTS Series 252
252
A
103
C
60
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TAP CONFIGURATION
N – NO TAP
T – 4° TAP AT CENTER
ROTATIONAL
ANGLE
40 – 40º
Operating Temperature
-10°C to +70°C
Mounting Information
PC Terminals
Soldering Conditions
Wave - up to 5 seconds at 260°C
No Solder or flux on component side of board
Electrical and Mechanical Specifications
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
103
10K
203
20K
503
50K
104
100K
124
120K
154
150K
DRIVE ARM LENGTH
DIM "L"
A – 19.3mm
inch
DIMENSION:
FROM MOUNTING SIDE
MOUNTING HOLE DETAIL VIEWED
-0.0 (4)
Ø1.3
CENT.
5.00
13.30
2
CENT.
1
d
c
3.00
OPTIONAL SWITCH
Ø1.0
3
HOLES FOR
(4)
-0.0
+0.1
b
a
(6)
Ø1.0+0.1
-0.0
4.50
CENT.
.177
+0.1
.051 +.004
-.000
-.000
+.004
.039
.118
.039+.004
-.000
TERMINALS
.524
.197
B – 24.3mm
LENGTH FROM
MOUNTING SURFACE
50 – 50º
60 – 60º
Potentiometer 1 & 2
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY SWITCH
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/20/06
CTS Electronic Components
www.ctscorp.com
11.2
16.0
CENT.
9.5
VR 2
CENT.
9.3
OPERATION ANGLE
(ALL DIRECTION)
0.8±0.1(6)
1 2
1.1(4)
3
53°~63°
A
A
11.8
CIRCUIT DIAGRAM
SWITCH
d
b
c
a
1.90±0.05
SECTION A-A
SCALE : 10X
1.20±0.05
.366
.441
.630
.374
.465
.043
.031±.004
.047±.002
.075±.002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com