Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # G2D
Description  Standard Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2D Datasheet(HTML) 2 Page - Vishay Siliconix

  G2D Datasheet HTML 1Page - Vishay Siliconix G2D Datasheet HTML 2Page - Vishay Siliconix G2D Datasheet HTML 3Page - Vishay Siliconix G2D Datasheet HTML 4Page - Vishay Siliconix G2D Datasheet HTML 5Page - Vishay Siliconix G2D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 86085
Rev. 1.3, 11-Aug-04
VISHAY
G2A / B / D / G / J / K / M
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
1) Thermal resistance from junction to ambient at 0.375 " (9.5 mm) lead length, P.C.B. mounted
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Peak forward surge current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Method)
IFSM
50
A
Maximum full load reverse
current
full cycle average 0.375 "
(9.5 mm) lead length at
Tamb = 100 °C
IR(AV)
100
µA
Operating junction and storage
temperature range
TJ, TSTG
- 55 to + 175
°C
Parameter
Test condition
Symbol
Value
Unit
Typical thermal resistance 1)
RθJA
55
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
IF = 2 A
G2A
VF
1.2
V
G2B
VF
1.2
V
G2D
VF
1.1
V
G2G
VF
1.1
V
G2J
VF
1.1
V
G2K
VF
1.1
V
G2M
VF
1.1
V
Maximum reverse current
VR = VRRM, Tamb = 25 °C
IR
1.0
µA
VR = VRRM, Tamb = 150 °C
IR
100
µA
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
1.5
µs
Typical junction capacitance
VR = 4.0 V, f = 1 MHz
Cj
15
pF
Parameter
Test condition
Part
Symbol
Value
Unit
Figure 1. Forward Current Derating Curve
0
2.0
1.0
1.5
25
0
50
75
100
125
150
175
Ambient T emperature (°C)
0.5
60HZ Resistive or
Inductive Load
10
20
Capacitance Load
Inductive Load
Ipk/IAV = 5.0
0.375 (9.5mm)
Lead Length
gg2a_01
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
20
10
30
40
50
1
100
10
Number of Cycles at 60 HZ
TJ =TJ max.
8.3ms Single Half Sine-W ave
(JEDEC Method)
gg2a_02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com