Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5970AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # A5970AD
Description  Up to 1 A switch step down switching regulator for automotive applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button A5970AD Datasheet HTML 7Page - STMicroelectronics A5970AD Datasheet HTML 8Page - STMicroelectronics A5970AD Datasheet HTML 9Page - STMicroelectronics A5970AD Datasheet HTML 10Page - STMicroelectronics A5970AD Datasheet HTML 11Page - STMicroelectronics A5970AD Datasheet HTML 12Page - STMicroelectronics A5970AD Datasheet HTML 13Page - STMicroelectronics A5970AD Datasheet HTML 14Page - STMicroelectronics A5970AD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
A5970AD
11/16
high value capacitor and this produces a very high peak current, responsible of many
problems:
●
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitics.
●
Turn ON overcurrent causing a decrease of the efficiency and system reliability.
●
Big EMI problems.
●
Shorter freewheeling diode life.
The fall time of the current during the turn off is also critical. In fact it produces voltage
spikes (due to the parasitics elements of the board) that increase the voltage drop across
the PDMOS.
In order to minimize all these problems, a new topology of driving circuit has been used and
its block diagram is shown in Figure 6.
The basic idea is to change the current levels used to turn on and off the power switch,
according with the PDMOS status and with the gate clamp status.
This circuitry allow to turn off and on quickly the power switch and to manage the above
question related to the freewheeling diode recovery time problem.
The gate clamp is necessary to avoid that Vgs of the internal switch goes higher than
Vgsmax. The ON/OFF control block avoids any cross conduction between the supply line
and ground.
Figure 6.
Driving circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com