Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0130 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0130
Description  0.8A SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0130 Datasheet(HTML) 1 Page - STMicroelectronics

  P0130 Datasheet HTML 1Page - STMicroelectronics P0130 Datasheet HTML 2Page - STMicroelectronics P0130 Datasheet HTML 3Page - STMicroelectronics P0130 Datasheet HTML 4Page - STMicroelectronics P0130 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
®
P0130AA
SENSITIVE
0.8A SCRs
May 2002 - Ed: 2
MAIN FEATURES:
DESCRIPTION
The P0130AA is a gate sensitive SCR, packaged
in TO-92, used in conjunction of a TN22 A.S.D™
and of a resistor in electronic starter for fluores-
cent tubelamps.
Symbol
Value
Unit
IT(RMS)
0.8
A
VDRM/VRRM
100
V
IGT
1
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tl = 55°C
0.8
A
IT(AV)
Average on-state current (180° conduction angle)
Tl = 55°C
0.5
A
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25°C
8
A
tp = 10 ms
7
I
²tI²t Value for fusing
tp = 10ms
Tj = 25°C
0.24
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
A
K
G
TO-92


Similar Part No. - P0130

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P013006 TRIPPLITE-P013006 Datasheet
481Kb / 2P
Standard Laptop-Notebook Power Cord, 10A (NEMA 5-15P to IEC-320-C5), 6-ft
P013010 TRIPPLITE-P013010 Datasheet
480Kb / 2P
Standard Laptop-Notebook Power Cord, 10A (NEMA 5-15P to IEC-320-C5), 10-ft
logo
Kersemi Electronic Co.,...
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
More results

Similar Description - P0130

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01 STMICROELECTRONICS-P01 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
X00602MA STMICROELECTRONICS-X00602MA Datasheet
72Kb / 5P
0.8A SCRs
Jan-2002
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
0.8A SENSITIVE SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
0.8A SCRs
logo
JIEJIE MICROELECTRONICS...
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
0.8A Sensitive SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
0.8A SCRs
X00602MA KERSEMI-X00602MA Datasheet
401Kb / 5P
0.8A SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com