Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH65 Datasheet(PDF) 1 Page - FLEXTRAL

Part # MH65
Description  MH65 Reverse Circulation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

MH65 Datasheet(HTML) 1 Page - FLEXTRAL

  MH65 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MH65 Reverse Circulation (RVC)
www.
.com
V04.21
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Bend Radius
Inches
Weight
lbs / ft
Standard
Lengths
MH65-300
3
4.17
600
15.0
3.40
100’
MH65-400
4
5.35
600
20.0
5.20
100’
MH65-600
6
7.91
600
30.0
10.66
100’
Application:
Heavy-duty hose for use on reverse circulation drill rigs and other applications conveying abrasive
drilling material, and fluids in harsh environments.
Construction:
Tube - Black, smooth synthetic rubber compound, designed to resist highly abrasive drilling
material and fluids
Reinforcement - High-strength rayon cord plies
Cover - SBR rubber
Branding - FLEXTRAL MH65-300 3” REVERSE CIRCULATION 600 PSI MAX WP
Temperature Range:
-30ºC to +82ºC (-22ºF to +180ºF)
*Call for additional fittings, lengths and assemblies.


Similar Part No. - MH65

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MH65FAD MTRONPTI-MH65FAD Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH65FAD-R MTRONPTI-MH65FAD-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH65FAD-R MTRONPTI-MH65FAD-R Datasheet
393Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH65FAG MTRONPTI-MH65FAG Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
MH65FAG-R MTRONPTI-MH65FAG-R Datasheet
229Kb / 1P
8 pin DIP, 3.3 or 5.0 Volt, HCMOS/TTL Clock Oscillator
More results

Similar Description - MH65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FR011L5J FAIRCHILD-FR011L5J Datasheet
457Kb / 12P
Low-Side Reverse Bias Reverse Polarity Protector
FR015L3EZ FAIRCHILD-FR015L3EZ Datasheet
493Kb / 12P
Low-Side Reverse Bias / Reverse Polarity Protector
logo
P-tec Corporation
PL518-1R12-2 P-TEC-PL518-1R12-2 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1R24 P-TEC-PL518-1R24 Datasheet
76Kb / 1P
Reverse Voltage
PL518-1R24-2 P-TEC-PL518-1R24-2 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1Y01 P-TEC-PL518-1Y01 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1Y01-2 P-TEC-PL518-1Y01-2 Datasheet
77Kb / 1P
Reverse Voltage
logo
Pasternack Enterprises,...
PE34750 PASTERNACK-PE34750 Datasheet
437Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com