Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM975600 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # VM975600
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

VM975600 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  VM975600 Datasheet HTML 1Page - YAMAHA CORPORATION VM975600 Datasheet HTML 2Page - YAMAHA CORPORATION VM975600 Datasheet HTML 3Page - YAMAHA CORPORATION VM975600 Datasheet HTML 4Page - YAMAHA CORPORATION VM975600 Datasheet HTML 5Page - YAMAHA CORPORATION VM975600 Datasheet HTML 6Page - YAMAHA CORPORATION VM975600 Datasheet HTML 7Page - YAMAHA CORPORATION VM975600 Datasheet HTML 8Page - YAMAHA CORPORATION VM975600 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
AX-496/396
1
435 (17-1/8")
Unit : mm (inch)
I SPECIFICATIONS
I Power Section
Minimum RMS Output Power
8
Ω, 20Hz to 20kHz, 0.019% THD
AX-496
85W+85W
AX-396
60W+60W
Maximum Output Power (EIAJ)
1kHz, 10% THD
AX-496 8
Ω/6Ω
130W / 150W
AX-396 6
Ω
110W
Dynamic Power (IHF)
8/6/4/2
Ω
AX-496
130/150/185/220W
AX-396
100/120/140/150W
DIN Standard Output Power
4
Ω, 1kHz, 0.7% THD
AX-496
120W
AX-396
95W
IEC Output Power
8
Ω, 1kHz, 0.019% THD
AX-496
100W
AX-396
75W
Power Band Width
8
Ω, Half power, 0.04% THD
10Hz to 50kHz
Damping Factor
8
Ω, 20Hz to 20kHz
240
Frequency Response
20Hz to 20kHz
0
±0.5dB
Total Harmonic Distortion (20Hz to 20kHz)
CD/DVD to SP OUT (8
Ω, Half power)
0.008%
Signal to Nise Ratio (IHF-A-Network)
CD/DVD (Input Shorted, CD/DVD DIRECT AMP ON) 110dB
PHONO (Input Shorted)
88dB
Residual Noise (IHF-A-Network)
CD/DVD DIRECT AMP ON
35
µV
I Control Section
Input Sensitivity / Impedance
CD/DVD etc.
150mV / 47k
Ω
PHONO
2.5mV / 47k
Ω
Output Level / Impedance
REC OUT
150mV / 1.6k
Ω
Headphone Jack Rated Output / Impedance
0.25V / 680
Ω
Channel Separation
CD/DVD (Input 5.1k
Ω Terminated) 1kHz/10kHz
65 / 50dB
Tone Control Characteristics
BASS
±10dB (20Hz)
TREBLE
±10dB (20kHz)
Continuous Loudness Control
Attenuation
-30dB (1kHz)
I General
Power Supply
R, T models
AC110/120/220/240V, 50/60Hz
A model
AC240V, 50Hz
B, G models
AC230V, 50Hz
Power Consumption
AX-496
Approx. 210W
AX-396
Approx. 150W
AC Outlets (Switched)
R, T, G models
100W Max x 3
A, B models
100W Max x 1
Dimensions (W x H x D)
435 x 151 x 391mm
(17-1/8" x 5-15/16" x 15-3/8")
Weight
AX-496
9.5 kg (21lbs)
AX-396
8.7 kg (19lbs 3oz)
Accessories
Remote Control Transmitter
Batteries
Color
Gold / Black / Titan
* Specifications subject to change without notice.
R ........ General model
T ..... China model
A ........ Australia model
B .... British model
G ........ European model
• DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com