Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC407900 Datasheet(PDF) 3 Page - YAMAHA CORPORATION

Part # VC407900
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

VC407900 Datasheet(HTML) 3 Page - YAMAHA CORPORATION

  VC407900 Datasheet HTML 1Page - YAMAHA CORPORATION VC407900 Datasheet HTML 2Page - YAMAHA CORPORATION VC407900 Datasheet HTML 3Page - YAMAHA CORPORATION VC407900 Datasheet HTML 4Page - YAMAHA CORPORATION VC407900 Datasheet HTML 5Page - YAMAHA CORPORATION VC407900 Datasheet HTML 6Page - YAMAHA CORPORATION VC407900 Datasheet HTML 7Page - YAMAHA CORPORATION VC407900 Datasheet HTML 8Page - YAMAHA CORPORATION VC407900 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
AX-496/396
IMPEDANCE SELECTOR
WARNING:
Do not change the IMPEDANCE SELECTOR
switch setting while the power to this unit is
on, otherwise this unit may be damaged.
2
TAPE
STANDBY/ON
DECK A/B
DIR B
DIR A
A/B/C/D/E
PRESET
CD/DVD
MD
TAPE
TUNER
AUX
RAX9
V499920
PHONO
–+
CD
TUNER
DISC SKIP
–+
VOLUME
WALL
OUTLET
EQUIPMENT
UNDER TEST
AC LEAKAGE
TESTER OR
EQUIVALENT
INSULATING
TABLE
WARNING: CHEMICAL CONTENT NOTICE!
The solder used in the production of this product contains LEAD. In addition, other electrical/electronic and /or plastic
(where applicable) components may also contain traces of chemicals found by the California Health and Welfare Agency
(and possibly other entities) to cause cancer and/or birth defects or other reproductive harm.
DO NOT PLACE SOLDER, ELECTRICAL/ELECTRONIC OR PLASTIC COMPONENTS IN YOUR MOUTH FOR ANY REA-
SON WHATSOEVER!
Avoid prolonged, unprotected contact between solder and your skin! When soldering, do not inhale solder fumes or expose
eyes to solder/flux vapor!
If you come in contact with solder or components located inside the enclosure of this product, wash your hands before
handling food.
I TO SERVICE PERSONNEL
1. Critical Components Information.
Components having special characteristics are marked s
and must be replaced with parts having specifications equal
to those originally installed.
2. Leakage Current Measurement (For 120V Models Only).
When service has been completed, it is imperative to verify
that all exposed conductive surfaces are properly insulated
from supply circuits.
G Meter impedance should be equivalent to 1500 ohm shunted
by 0.15
µF.
G Leakage current must not exceed 0.5mA.
G Be sure to test for leakage with the AC plug in both polarities.
I REMOTE CONTROL PANEL
I IMPEDANCE SELECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com