Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEPS225 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SEPS225
Description  128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEPS225 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SEPS225 Datasheet HTML 17Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 18Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 19Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 20Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 21Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 22Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 23Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 24Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 
 
SYNCOAM Co., Ltd.                                SEPS225                                    Version: 0.8 
21/44
 
 
PRECHARGE_TIME_R (08h) 
 
Bit 7 
Bit6 
Bit5 
Bit4 
Bit3 
Bit2 
Bit1 
Bit0 
R/W 
0 
0 
0 
0 
PTR3 
PTR2 
PTR1 
PTR0 
Default 
0 
0 
0 
0 
0 
0 
0 
0 
 
PRECHARGE_TIME_G (09h) 
 
Bit 7 
Bit6 
Bit5 
Bit4 
Bit3 
Bit2 
Bit1 
Bit0 
R/W 
0 
0 
0 
0 
PTG3 
PTG2 
PTG1 
PTG0 
Default 
0 
0 
0 
0 
0 
0 
0 
0 
 
PRECHARGE_TIME_B (0Ah) 
 
Bit 7 
Bit6 
Bit5 
Bit4 
Bit3 
Bit2 
Bit1 
Bit0 
R/W 
0 
0 
0 
0 
PTB3 
PTB2 
PTB1 
PTB0 
Default 
0 
0 
0 
0 
0 
0 
0 
0 
 
PTR[3:0] : Precharge time R. 
PTG[3:0] : Precharge time G. 
PTB[3:0] : Precharge time B. 
 
* PTR[3:0]/PTG[3:0]/PTB[3:0] is used for precharge time selection of Red/Green/Blue pixel. 
  The range is from 0 to 14 based on internal OSC. 
 
PTR3/ 
PRG3/ 
PRB3 
PTR2/ 
PRG2/ 
PRB2 
PTR1/ 
PRG1/ 
PRB1 
PTR0/ 
PRG0/ 
PRB0 
Precharge Time (CLK) 
0 
0 
0 
0 
No Precharge Time (Clk) 
0 
0 
0 
1 
1 Precharge Time (Clk) 
0 
0 
1 
0 
2 Precharge Time (Clk) 
0 
0 
1 
1 
3 Precharge Time (Clk) 
0 
1 
0 
0 
4 Precharge Time (Clk) 
0 
1 
0 
1 
5 Precharge Time (Clk) 
0 
1 
1 
0 
6 Precharge Time (Clk) 
0 
1 
1 
1 
7 Precharge Time (Clk) 
1 
0 
0 
0 
8 Precharge Time (Clk) 
1 
0 
0 
1 
9 Precharge Time (Clk) 
1 
0 
1 
0 
10 Precharge Time (Clk) 
1 
0 
1 
1 
11 Precharge Time (Clk) 
1 
1 
0 
0 
12 Precharge Time (Clk) 
1 
1 
0 
1 
13 Precharge Time (Clk) 
1 
1 
1 
0 
14 Precharge Time (Clk) 
1 
1 
1 
1 
Reserved 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com