Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54003 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD54003
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54003 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD54003 Datasheet HTML 2Page - STMicroelectronics PD54003 Datasheet HTML 3Page - STMicroelectronics PD54003 Datasheet HTML 4Page - STMicroelectronics PD54003 Datasheet HTML 5Page - STMicroelectronics PD54003 Datasheet HTML 6Page - STMicroelectronics PD54003 Datasheet HTML 7Page - STMicroelectronics PD54003 Datasheet HTML 8Page - STMicroelectronics PD54003 Datasheet HTML 9Page - STMicroelectronics PD54003 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
PD54003 - PD54003S
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
B1,B2
SHORT FERRITE BEAD, FAIR RITE
PRODUCTS (2743021446)
R3
15
Ω, 0805 CHIP RESISTOR
C1,C13
240pF, 100 mil CHIP CAPACITOR
R4
33 K
Ω, 1/8 W RESISTOR
C2,C3,C4,C10,
C11,C12
0 TO 20pF TRIMMER CAPACITOR
Z1
0.175” X 0.080” MICROSTRIP
C5
130pF, 100 mil CHIP CAP
Z2
1.049” X 0.080” MICROSTRIP
C6,C17
120pF, 100 mil CHIP CAP
Z3
0.289” X 0.080” MICROSTRIP
C7,C14
10
µF, 50V ELECTROLYTIC
CAPACITOR
Z4
0.026” X 0.080” MICROSTRIP
C8,C15
1,200pF, 100 mil CHIP CAPACITOR
Z5
0.192” X 0.223” MICROSTRIP
C9,C16
0.1 F, 100 mil CHIP CAPACITOR
Z6,Z7
0.260” X 0.223” MICROSTRIP
L1
55.5 Nh, 5 TURN, COILCRAFT
Z8
0.064” X 0.080” MICROSTRIP
N1,N2
TYPE N FLANGE MOUNT
Z9
0.334” X 0.080” MICROSTRIP
R1
15
Ω, 0805 CHIP RESISTOR
Z10
0.985” X 0.080” MICROSTRIP
R2
1,0 K
Ω, 1/8 W RESISTOR
Z11
0.472” X 0.080” MICROSTRIP
BOARD
ROGER, ULTRA LAM 2000
THK 0.030”,
ε
r = 2.55
2oz. ED Cu 2 SIDES.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com