Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS971 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS971
Description  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS971 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS971_07 Datasheet HTML 9Page - STMicroelectronics TS971_07 Datasheet HTML 10Page - STMicroelectronics TS971_07 Datasheet HTML 11Page - STMicroelectronics TS971_07 Datasheet HTML 12Page - STMicroelectronics TS971_07 Datasheet HTML 13Page - STMicroelectronics TS971_07 Datasheet HTML 14Page - STMicroelectronics TS971_07 Datasheet HTML 15Page - STMicroelectronics TS971_07 Datasheet HTML 16Page - STMicroelectronics TS971_07 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TS971-TS972-TS974
Ordering information
15/17
4
Ordering information
Table 12.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS971ID
TS971IDT
-40°C, +125°C
SO-8
Tube or
Tape & reel
971I
TS971ILT
SOT23-5L
Tape & reel
K120
TS971IYD(1)
TS971IYDT(1)
SO-8
(Automotive grade level)
971IY
TS971IYLT(2)
SOT23-5L
(Automotive grade level)
K121
TS972IN
DIP8
Tube
TS972IN
TS972ID
TS972IDT
SO-8
Tube or
Tape & reel
972I
TS972IPT
TSSOP8
(Thin shrink outline package)
Tape & Reel
TS972IQT
DFN8
(Dual micro lead frame package)
TS972IYD(1)
TS972IYDT(1)
SO-8
(Automotive grade level)
Tube or
Tape & reel
972IY
TS972IYPT(2)
TSSOP8
(Automotive grade level)
Tape & reel
972IY
TS974IN
DIP14
Tube
TS974IN
TS974ID
TS974IDT
SO-14
Tube or
Tape & reel
974I
TS974IPT
TSSOP14
(Thin shrink outline package)
Tape & reel
TS974IYD(1)
TS974IYDT(1)
SO-14
(Automotive grade level)
974IY
TS974IYPT(2)
TSSOP14
(Automotive grade level)
974IY
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.
2.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com