Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD54003 Datasheet(PDF) 6 Page - STMicroelectronics

Part # XPD54003
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD54003 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button XPD54003 Datasheet HTML 2Page - STMicroelectronics XPD54003 Datasheet HTML 3Page - STMicroelectronics XPD54003 Datasheet HTML 4Page - STMicroelectronics XPD54003 Datasheet HTML 5Page - STMicroelectronics XPD54003 Datasheet HTML 6Page - STMicroelectronics XPD54003 Datasheet HTML 7Page - STMicroelectronics XPD54003 Datasheet HTML 8Page - STMicroelectronics XPD54003 Datasheet HTML 9Page - STMicroelectronics XPD54003 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PD54003 - PD54003S
6/10
5
6
789
10
VDD, SUPPLY VOLTAGE (V)
1
2
3
4
5
6
480MHz
500MHz
520MHz
Pin=22dBm
Idq=50mA
Return Loss vs. Output Power
0
1234
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
480MHz
500MHz
520MHz
Vdd=7.5V
Idq=50 mA
Output Power vs. Bias Current
0
100
200
300
400
500
600
700
800
IDQ, BIAS CURRENT(mA)
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
480MHz
500MHz
520MHz
Pin=22dBm
Vdd=7.5V
Drain Efficency vs. Bias Current
0
100
200
300
400
500
600
700
800
IDQ, BIAS CURRENT (mA)
10
20
30
40
50
60
480MHz
500MHz
520MHz
Pin=22dBm
Vdd=7.5V
TYPICAL PERFORMANCE
Drain Efficency vs. Supply Voltage
5
678
9
10
VDD, SUPPLY VOLTAGE (V)
30
40
50
60
70
480MHz
500MHz
520MHz
Pin=22dBm
Idq=50mA
Output Power vs. Supply Voltage
Output Power vs. Gate-Source Voltage
0
123
4
VGS, GATE-SOURCE VOLTAGE (V)
0
1
2
3
4
480 MHz
500 MHz
520 MHz
Pin= 22dBm
Vdd= 7.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com