Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS972IPT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS972IPT
Description  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS972IPT Datasheet(HTML) 4 Page - STMicroelectronics

  TS972IPT Datasheet HTML 1Page - STMicroelectronics TS972IPT Datasheet HTML 2Page - STMicroelectronics TS972IPT Datasheet HTML 3Page - STMicroelectronics TS972IPT Datasheet HTML 4Page - STMicroelectronics TS972IPT Datasheet HTML 5Page - STMicroelectronics TS972IPT Datasheet HTML 6Page - STMicroelectronics TS972IPT Datasheet HTML 7Page - STMicroelectronics TS972IPT Datasheet HTML 8Page - STMicroelectronics TS972IPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
TS971-TS972-TS974
4/17
2
Electrical characteristics
Table 3.
VCC = +2.5V, VDD = -2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Tmin ≤ Tamb ≤ Tmax
15
7
mV
DVio
Input offset voltage drift
Vicm = 0V, Vo = 0V
5
µV/°C
Iio
Input offset current
Vicm = 0V, Vo = 0V
10
150
nA
Iib
Input bias current
Vicm = 0V, Vo = 0V
Tmin ≤ Tamb ≤ Tmax
200
200
750
1000
nA
Vicm
Common mode input voltage
range
-1.35
1.35
V
CMR
Common mode rejection ratio
Vicm = ±1.35V
60
85
dB
SVR
Supply voltage rejection ratio
VCC = ±2V to ±3V
60
70
dB
Avd
Large signal voltage gain
RL = 2kΩ
70
80
dB
VOH
High level output voltage
RL = 2kΩ
22.4
V
VOL
Low level output voltage
RL = 2kΩ
-2.4
-2
V
Isource
Output source current
1.5
mA
Isink
Output sink current
100
mA
ICC
Supply current per amplifier
Unity gain - No load
2
2.8
mA
GBP
Gain bandwidth product
f = 100kHz, RL = 2kΩ, CL = 100pF
8.5
12
MHz
SR
Slew rate
AV = 1, Vin = ±1V
2.8
4
V/µs
∅m
Phase margin at unit gain
RL = 2kΩ, CL =100pF
60
Degrees
Gm
Gain margin
RL = 2kΩ, CL =100pF
10
dB
en
Equivalent input noise voltage
f = 100kHz
4
nV/
√Hz
THD
Total harmonic distortion
f = 1kHz, AV = -1, RL =10kΩ
0.003
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com