Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-HR Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24512-HR
Description  512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-HR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24512-HR Datasheet HTML 26Page - STMicroelectronics M24512-HR Datasheet HTML 27Page - STMicroelectronics M24512-HR Datasheet HTML 28Page - STMicroelectronics M24512-HR Datasheet HTML 29Page - STMicroelectronics M24512-HR Datasheet HTML 30Page - STMicroelectronics M24512-HR Datasheet HTML 31Page - STMicroelectronics M24512-HR Datasheet HTML 32Page - STMicroelectronics M24512-HR Datasheet HTML 33Page - STMicroelectronics M24512-HR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Part numbering
M24512-x, M24256-Bx
30/35
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 18.
Ordering information scheme
Example:
M24512–
H W MW 6
T
P /AB
Device type
M24 = I2C serial access EEPROM
Device function
512– = 512 Kbit (64 Kb × 8)
256–B = 256 Kbit (32 Kb × 8)
Clock frequency
Blank: fC max = 400 kHz
H: fC max = 1 MHz
Operating voltage
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package
MW = SO8 (208 mils width)
MN = SO8 (150 mils body width)
DW = TSSOP8
Device grade
6 = Industrial temperature range, –40 to 85 °C. Device tested with
standard test flow
3 = Automotive: device tested with high reliability certified flow(1)
over –40 to 125 °C
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive
environment. The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801.
Please ask your nearest ST sales office for a copy.
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
Used only for device grade 3.
/AB = F8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com